Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS900 Datasheet (PDF) - Texas Instruments

ADS900 Datasheet PDF - Texas Instruments
Part # ADS900
Download  ADS900 Download
File Size   343.81 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER

ADS900 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS900 Datasheet PDF - Texas Instruments

Part # ADS900
Download  ADS900 Click to download

File Size   343.81 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER

ADS900 Datasheet (HTML) - Texas Instruments


ADS900 Product details

FEATURES
+2.7V TO +3.7V SUPPLY OPERATION
INTERNAL REFERENCE
LOW POWER: 52mW at +3V
SINGLE-ENDED INPUT RANGE: 1V to 2V
WIDEBAND TRACK/HOLD: 350MHz
SSOP-28 PACKAGE

APPLICATIONS
PORTABLE INSTRUMENTATION
IF AND BASEBAND COMMUNICATIONS
CABLE MODEMS
SET-TOP BOXES
PORTABLE TEST EQUIPMENT
COMPUTER SCANNERS

DESCRIPTION
The ADS900 is a high-speed pipelined Analog-to-Digital
Converter (ADC). This complete converter includes a high
bandwidth track-and-hold, a 10-bit quantizer, and an internal
reference.
The ADS900 employs digital error correction techniques to
provide excellent differential linearity for demanding imaging
applications. Its low distortion and high SNR give the
extra margin needed for telecommunications, video and
test instrumentation applications.
This high-performance ADC is specified for performance
at a 20MHz sampling rate. The ADS900 is available in an
SSOP-28 package.




Similar Part No. - ADS900

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS900 BURR-BROWN-ADS900 Datasheet
219Kb / 12P
10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS900 TI1-ADS900 Datasheet
450Kb / 16P
ANALOG-TO-DIGITAL CONVERTER
ADS900 TI-ADS900 Datasheet
342Kb / 15P
10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS900E BURR-BROWN-ADS900E Datasheet
219Kb / 12P
10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS900E TI1-ADS900E Datasheet
450Kb / 16P
ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS900

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS805 BURR-BROWN-ADS805 Datasheet
260Kb / 12P
12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS900 BURR-BROWN-ADS900 Datasheet
219Kb / 12P
10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
ADS901 BURR-BROWN-ADS901 Datasheet
174Kb / 11P
10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS901 TI1-ADS901_14 Datasheet
254Kb / 14P
10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
10-Bit Analog-to-Digital Converter
logo
Analog Devices
AD9218 AD-AD9218_17 Datasheet
872Kb / 29P
3V Dual Analog-to-Digital Converter
Rev. C
logo
Texas Instruments
ADS900 TI-ADS900_V01 Datasheet
342Kb / 15P
10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com