Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC297F3A Datasheet (PDF) - Texas Instruments

CD54HC297F3A Datasheet PDF - Texas Instruments
Part # CD54HC297F3A
Download  CD54HC297F3A Download
File Size   318.06 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic Digital Phase-Locked Loop

CD54HC297F3A Datasheet (PDF)

Go To PDF Page Download Datasheet
CD54HC297F3A Datasheet PDF - Texas Instruments

Part # CD54HC297F3A
Download  CD54HC297F3A Click to download

File Size   318.06 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic Digital Phase-Locked Loop

CD54HC297F3A Datasheet (HTML) - Texas Instruments


CD54HC297F3A Product details

Features
• Digital Design Avoids Analog Compensation Errors
• Easily Cascadable for Higher Order Loops
• Useful Frequency Range
- K-Clock . . . . . . . . . . . . . . . . . . . . . . . . . .DC to 55MHz (Typ)
- I/D-Clock . . . . . . . . . . . . . . . . . . . . DC to 35MHz (Typ)
• Dynamically Variable Bandwidth
• Very Narrow Bandwidth Attainable
• Power-On Reset
• Output Capability
- Standard. . . . . . . . . . . . . . . . . . . . XORPDOUT, ECPDOUT
- Bus Driver . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I/DOUT
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• ’HC297 Types
- Operation Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 to 6V
- High Noise ImmunityNIL = 30%, NIH = 30% of VCC at 5V
• CD74HCT297 Types
- Operation Voltage . . . . . . . . . . . . . . . . . . . . . . . . 4.5 to 5.5V
- Direct LSTTL Input Logic Compatibility
VIL = 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility II ≤ 1μA at VOL, VOH

Description
The ’HC297 and CD74HCT297 are high-speed silicon gate
CMOS devices that are pin-compatible with low power Schottky
TTL (LSTTL).
These devices are designed to provide a simple, cost-effective
solution to high-accuracy, digital, phase-locked-loop applications.
They contain all the necessary circuits, with the
exception of the divide-by-N counter, to build first-order
phase-locked-loops.
Both EXCLUSIVE-OR (XORPD) and edge-controlled phase
detectors (ECPD) are provided for maximum flexibility. The
input signals for the EXCLUSIVE-OR phase detector must
have a 50% duty factor to obtain the maximum lock-range.
Proper partitioning of the loop function, with many of the building
blocks external to the package, makes it easy for the
designer to incorporate ripple cancellation (see Figure 2) or to
cascade to higher order phase-locked-loops.
The length of the up/down K-counter is digitally programmable
according to the K-counter function table. With A, B, C and D
all LOW, the K-counter is disabled. With A HIGH and B, C and
D LOW, the K-counter is only three stages long, which widens
the bandwidth or capture range and shortens the lock time of
the loop. When A, B, C and D are all programmed HIGH, the
K-counter becomes seventeen stages long, which narrows
the bandwidth or capture range and lengthens the lock time.
Real-time control of loop bandwidth by manipulating the A to
D inputs can maximize the overall performance of the digital
phase-locked-loop.
The ’HC297 and CD74HCT297 can perform the classic first
order phase-locked-loop function without using analog components.
The accuracy of the digital phase-locked-loop
(DPLL) is not affected by VCC and temperature variations but
depends solely on accuracies of the K-clock and loop propagation
delays.




Similar Part No. - CD54HC297F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC297F3A TI1-CD54HC297F3A Datasheet
255Kb / 15P
High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297F3A TI1-CD54HC297F3A Datasheet
251Kb / 15P
High-Speed CMOS Logic Digital Phase-Locked Loop
More results


Similar Description - CD54HC297F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC297 TI-CD74HC297 Datasheet
97Kb / 11P
High-Speed CMOS Logic Digital Phase-Locked-Loop
CD54HC297 TI-CD54HC297 Datasheet
243Kb / 14P
High-Speed CMOS Logic Digital Phase-Locked Loop
CD74HC4046A TI-CD74HC4046A Datasheet
316Kb / 28P
High-Speed CMOS Logic Phase-Locked Loop with VCO
CD54HC4046A TI-CD54HC4046A_07 Datasheet
505Kb / 32P
High-Speed CMOS Logic Phase-Locked Loop with VCO
CD54HC4046A TI-CD54HC4046A_08 Datasheet
443Kb / 28P
High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_08 Datasheet
536Kb / 15P
HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046A TI-SN74LV4046A_10 Datasheet
503Kb / 15P
HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD74HC297 TI1-CD74HC297 Datasheet
255Kb / 15P
High-Speed CMOS Logic Digital Phase-Locked Loop
SN74LV4046A TI1-SN74LV4046A_15 Datasheet
1Mb / 26P
High-Speed CMOS Logic Phase-Locked Loop
CD54HC297 TI1-CD54HC297_14 Datasheet
251Kb / 15P
High-Speed CMOS Logic Digital Phase-Locked Loop
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com