Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC153 Datasheet (PDF) - Texas Instruments

CD54HC153 Datasheet PDF - Texas Instruments
Part # CD54HC153
Download  CD54HC153 Download
File Size   353.09 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic Dual 4- to 1-Line Selector/Multiplexer

CD54HC153 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD54HC153 Datasheet PDF - Texas Instruments

Part # CD54HC153
Download  CD54HC153 Click to download

File Size   353.09 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic Dual 4- to 1-Line Selector/Multiplexer

CD54HC153 Datasheet (HTML) - Texas Instruments


CD54HC153 Product details

Features
• Common Select Inputs
• Separate Enable Inputs
• Buffered inputs and Outputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%of VCC at
VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1μA at VOL, VOH

Description
The ’HC153 and ’HCT153 are dual 4- to 1-line
selector/multiplexers that select one of four sources for each
section by the common select inputs, S0 and S1. When the
enable inputs (1E, 2E) are HIGH, the outputs are in the LOW
state.




Similar Part No. - CD54HC153

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC153 TI-CD54HC153 Datasheet
264Kb / 10P
High-Speed CMOS Logic Dual 4- to 1-Line Selector/Multiplexer
CD54HC153 TI-CD54HC153 Datasheet
439Kb / 13P
High-Speed CMOS Logic Dual 4- to 1-Line Selector/Multiplexer
CD54HC153F3A TI-CD54HC153F3A Datasheet
264Kb / 10P
High-Speed CMOS Logic Dual 4- to 1-Line Selector/Multiplexer
CD54HC153F3A TI-CD54HC153F3A Datasheet
439Kb / 13P
High-Speed CMOS Logic Dual 4- to 1-Line Selector/Multiplexer
CD54HC153W TI-CD54HC153W Datasheet
40Kb / 6P
High Speed CMOS Logic Dual 4-Input Multiplexer
More results


Similar Description - CD54HC153

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC153 TI-CD74HC153 Datasheet
40Kb / 6P
High Speed CMOS Logic Dual 4-Input Multiplexer
CD74HC253 TI-CD74HC253 Datasheet
58Kb / 7P
High Speed CMOS Logic Dual 4-Input Multiplexer
logo
Fairchild Semiconductor
DM74S153 FAIRCHILD-DM74S153 Datasheet
47Kb / 4P
Dual 1-of-4 Line Data Selector/Multiplexer
logo
Intersil Corporation
CD40257BMS INTERSIL-CD40257BMS Datasheet
59Kb / 8P
CMOS Quad 2 Line to 1 Line Data Selector/Multiplexer
December 1992
logo
Texas Instruments
CD54HCT153 TI-CD54HCT153 Datasheet
264Kb / 10P
High-Speed CMOS Logic Dual 4- to 1-Line Selector/Multiplexer
CD54HC153 TI-CD54HC153 Datasheet
439Kb / 13P
High-Speed CMOS Logic Dual 4- to 1-Line Selector/Multiplexer
74ACT11352 TI1-74ACT11352 Datasheet
100Kb / 6P
DUAL 4-LINE TO 1-LNE DATA SELECTOR/MULTIPLEXER
CD74HC253M TI1-CD74HC253M Datasheet
397Kb / 14P
High-Speed CMOS Logic Dual 4-Input Multiplexer
CD74HC253M TI-CD74HC253M Datasheet
388Kb / 14P
High-Speed CMOS Logic Dual 4-Input Multiplexer
74AC11352 TI1-74AC11352 Datasheet
103Kb / 6P
DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com