Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC2536 Datasheet (PDF) - Texas Instruments

CDC2536 Datasheet PDF - Texas Instruments
Part # CDC2536
Download  CDC2536 Download
File Size   348.1 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS

CDC2536 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDC2536 Datasheet PDF - Texas Instruments

Part # CDC2536
Download  CDC2536 Click to download

File Size   348.1 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS

CDC2536 Datasheet (HTML) - Texas Instruments


CDC2536 Product details

FEATURES
· Low Output Skew for Clock-Distribution and
Clock-Generation Applications
· Operates at 3.3-V VCC
· Distributes One Clock Input to Six Outputs
· One Select Input Configures Three Outputs to
Operate at One-Half or Double the Input
Frequency
· No External RC Network Required
· On-Chip Series Damping Resistors
· External Feedback Pin (FBIN) Is Used to
Synchronize the Outputs to the Clock Input
· Application for Synchronous DRAM,
High-Speed Microprocessor
· TTL-Compatible Inputs and Outputs
· Outputs Drive 50-W Parallel-Terminated
Transmission Lines
· State-of-the-Art EPIC-IIB™ BiCMOS Design
Significantly Reduces Power Dissipation
· Distributed VCC and Ground Pins Reduce
Switching Noise
· Packaged in Plastic 28-Pin Shrink
Small-Outline Package

DESCRIPTION
The CDC2536 is a high-performance, low-skew, low-jitter clock driver. It uses a phase-lock loop (PLL) to
precisely align, in both frequency and phase, the clock output signals to the clock input (CLKIN) signal. It is
specifically designed for use with synchronous DRAMs and popular microprocessors operating at speeds from
50 MHz to 100 MHz or down to 25 MHz on outputs configured as half-frequency outputs. The CDC2536
operates at 3.3-V VCC and is designed to drive a 50-W transmission line. The CDC2536 also provides on-chip
series-damping resistors, eliminating the need for external termination components.
The feedback (FBIN) input is used to synchronize the output clocks in frequency and phase to the input clock
(CLKIN). One of the six output clocks must be fed back to FBIN for the PLL to maintain synchronization between
CLKIN and the outputs. The output used as the feedback pin is synchronized to the same frequency as CLKIN.
The Y outputs can be configured to switch in phase and at the same frequency as CLKIN. The select (SEL) input
configures three Y outputs to operate at one-half or double the CLKIN frequency, depending on which pin is fed
back to FBIN (see Tables 1 and 2). All output signal duty cycles are adjusted to 50% independent of the duty
cycle at the input clock.
Output-enable (OE) is provided for output control. When OE is high, the outputs are in the high-impedance state.
When OE is low, the outputs are active. TEST is used for factory testing of the device and can be use to bypass
the PLL. TEST should be strapped to GND for normal operation.
Unlike many products containing PLLs, the CDC2536 does not require external RC networks. The loop filter for
the PLL is included on-chip, minimizing component count, board space, and cost.




Similar Part No. - CDC2536

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2536 TI-CDC2536 Datasheet
143Kb / 10P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2536 TI1-CDC2536 Datasheet
490Kb / 15P
3.3V PHASE-LOCK LOOP CLOCK DRIVER
CDC2536DB TI-CDC2536DB Datasheet
143Kb / 10P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2536DB TI1-CDC2536DB Datasheet
490Kb / 15P
3.3V PHASE-LOCK LOOP CLOCK DRIVER
CDC2536DBG4 TI1-CDC2536DBG4 Datasheet
490Kb / 15P
3.3V PHASE-LOCK LOOP CLOCK DRIVER
More results


Similar Description - CDC2536

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2536 TI-CDC2536 Datasheet
143Kb / 10P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2586 TI-CDC2586 Datasheet
165Kb / 12P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC536 TI-CDC536 Datasheet
170Kb / 12P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC586 TI-CDC586 Datasheet
166Kb / 12P
3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
SN54CDC586 TI-SN54CDC586 Datasheet
150Kb / 11P
3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUPUTS
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDC536DBG4 TI1-CDC536DBG4 Datasheet
295Kb / 14P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
SN54CDC586 TI1-SN54CDC586_07 Datasheet
152Kb / 11P
3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUPUTS
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com