Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC318A Datasheet (PDF) - Texas Instruments

CDC318A Datasheet PDF - Texas Instruments
Part # CDC318A
Download  CDC318A Download
File Size   290.07 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1-LINE TO 18-LINE CLOCK DRIVER WITH 12C CONTROL INTERFACE

CDC318A Datasheet (PDF)

Go To PDF Page Download Datasheet
CDC318A Datasheet PDF - Texas Instruments

Part # CDC318A
Download  CDC318A Click to download

File Size   290.07 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1-LINE TO 18-LINE CLOCK DRIVER WITH 12C CONTROL INTERFACE

CDC318A Datasheet (HTML) - Texas Instruments


CDC318A Product details

High-Speed, Low-Skew 1-to-18 Clock Buffer
for Synchronous DRAM (SDRAM) Clock
Buffering Applications
Output Skew, tsk(o), Less Than 250 ps
Pulse Skew, tsk(p), Less Than 500 ps
Supports up to Four Unbuffered SDRAM
Dual Inline Memory Modules (DIMMs)
I2C Serial Interface Provides Individual
Enable Control for Each Output
Operates at 3.3 V
Distributed VCC and Ground Pins Reduce
Switching Noise
100-MHz Operation
ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015
Packaged in 48-Pin Shrink Small Outline
(DL) Package

description
The CDC318A is a high-performance clock buffer
designed to distribute high-speed clocks in PC
applications. This device distributes one input (A)
to 18 outputs (Y) with minimum skew for clock
distribution. The CDC318A operates from a 3.3-V
power supply. It is characterized for operation
from 0°C to 70°C.
This device has been designed with consideration
for optimized EMI performance. Depending on the
application layout, damping resistors in series to
the clock outputs (like proposed in the PC100
specification) may not be needed in most cases.
The device provides a standard mode (100K-bits/s) I2C serial interface for device control. The implementation
is as a slave/receiver. The device address is specified in the I2C device address table. Both of the I2C inputs
(SDATA and SCLOCK) are 5-V tolerant and provide integrated pullup resistors (typically 140 kΩ).
Three 8-bit I2C registers provide individual enable control for each of the outputs. All outputs default to enabled
at powerup. Each output can be placed in a disabled mode with a low-level output when a low-level control bit
is written to the control register. The registers are write only and must be accessed in sequential order (i.e.,
random access of the registers is not supported).
The CDC318A provides 3-state outputs for testing and debugging purposes. The outputs can be placed in a
high-impedance state via the output-enable (OE) input. When OE is high, all outputs are in the operational state.
When OE is low, the outputs are placed in a high-impedance state. OE provides an integrated pullup resistor.




Similar Part No. - CDC318A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC318A TI-CDC318A Datasheet
182Kb / 12P
1-LINE TO 18-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
CDC318A TI1-CDC318A Datasheet
500Kb / 14P
1Line to 10Line Clock Driver
CDC318ADL TI-CDC318ADL Datasheet
182Kb / 12P
1-LINE TO 18-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
CDC318ADL TI1-CDC318ADL Datasheet
500Kb / 14P
1Line to 10Line Clock Driver
CDC318ADLG4 TI1-CDC318ADLG4 Datasheet
500Kb / 14P
1Line to 10Line Clock Driver
More results


Similar Description - CDC318A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC318A TI-CDC318A Datasheet
182Kb / 12P
1-LINE TO 18-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
CDC319 TI-CDC319 Datasheet
168Kb / 11P
1-LINE TO 10-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
CDC328A TI-CDC328A Datasheet
101Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC329A TI-CDC329A Datasheet
105Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC340 TI-CDC340 Datasheet
104Kb / 7P
1-LINE TO 8-LINE CLOCK DRIVER
CDC341 TI-CDC341 Datasheet
102Kb / 7P
1-LINE TO 8-LINE CLOCK DRIVER
CDC318 TI-CDC318 Datasheet
198Kb / 13P
1-LINE TO 18-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
CDC328 TI1-CDC328 Datasheet
114Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
SN54CDC341 TI1-SN54CDC341 Datasheet
165Kb / 10P
1-LINE TO 8-LINE CLOCK DRIVER
CDC341DWR TI-CDC341DWR Datasheet
279Kb / 10P
1-LINE TO 8-LINE CLOCK DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com