Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC319 Datasheet (PDF) - Texas Instruments

CDC319 Datasheet PDF - Texas Instruments
Part # CDC319
Download  CDC319 Download
File Size   280.63 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1-LINE TO 10-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE

CDC319 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDC319 Datasheet PDF - Texas Instruments

Part # CDC319
Download  CDC319 Click to download

File Size   280.63 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1-LINE TO 10-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE

CDC319 Datasheet (HTML) - Texas Instruments


CDC319 Product details

High-Speed, Low-Skew 1-to-10 Clock Buffer
for SDRAM (Synchronous DRAM) Clock
Buffering Applications
Output Skew, tsk(o), Less Than 250 ps
Pulse Skew, tsk(p), Less Than 500 ps
Supports up to Two Unbuffered SDRAM
DIMMs (Dual Inline Memory Modules)
I2C Serial Interface Provides Individual
Enable Control for Each Output
Operates at 3.3 V
Distributed VCC and Ground Pins Reduce
Switching Noise
ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015
Packaged in 28-Pin Shrink Small Outline
(DB) Package

description
The CDC319 is a high-performance clock buffer that distributes one input (A) to 10 outputs (Y) with minimum
skew for clock distribution. The CDC319 operates from a 3.3-V power supply, and is characterized for operation
from 0°C to 70°C.
The device provides a standard mode (100K-bits/s) I2C serial interface for device control. The implementation
is as a slave/receiver. The device address is specified in the I2C device address table. Both of the I2C inputs
(SDATA and SCLOCK) provide integrated pullup resistors (typically 140 kΩ) and are 5-V tolerant.
Three 8-bit I2C registers provide individual enable control for each of the outputs. All outputs default to enabled
at powerup. Each output can be placed in a disabled mode with a low-level output when a low-level control bit
is written to the control register. The registers are write only and must be accessed in sequential order (i.e.,
random access of the registers is not supported).
The CDC319 provides 3-state outputs for testing and debugging purposes. The outputs can be placed in a
high-impedance state via the output-enable (OE) input. When OE is high, all outputs are in the operational state.
When OE is low, the outputs are placed in a high-impedance state. OE provides an integrated pullup resistor.




Similar Part No. - CDC319

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC319 TI-CDC319 Datasheet
168Kb / 11P
1-LINE TO 10-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
CDC319 TI1-CDC319 Datasheet
361Kb / 15P
1Line to 10Line Clock Driver
CDC319DB TI-CDC319DB Datasheet
168Kb / 11P
1-LINE TO 10-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
CDC319DB TI1-CDC319DB Datasheet
361Kb / 15P
1Line to 10Line Clock Driver
CDC319DBG4 TI1-CDC319DBG4 Datasheet
361Kb / 15P
1Line to 10Line Clock Driver
More results


Similar Description - CDC319

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2351 TI-CDC2351 Datasheet
108Kb / 7P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC318A TI-CDC318A Datasheet
182Kb / 12P
1-LINE TO 18-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
CDC319 TI-CDC319 Datasheet
168Kb / 11P
1-LINE TO 10-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
CDC318 TI-CDC318 Datasheet
198Kb / 13P
1-LINE TO 18-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
logo
PulseCore Semiconductor
ASM2P2351AH PULSECORE-ASM2P2351AH Datasheet
464Kb / 12P
1-Line To 10-Line Clock Driver With 3-State Outputs
logo
Texas Instruments
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351DBR TI-CDC351DBR Datasheet
507Kb / 13P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI1-CDC2351DBR Datasheet
775Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI-CDC2351DBR Datasheet
760Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI1-CDC2351_15 Datasheet
777Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com