Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC2351-EP Datasheet (PDF) - Texas Instruments

CDC2351-EP Datasheet PDF - Texas Instruments
Part # CDC2351-EP
Download  CDC2351-EP Download
File Size   298.3 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS

CDC2351-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
CDC2351-EP Datasheet PDF - Texas Instruments

Part # CDC2351-EP
Download  CDC2351-EP Click to download

File Size   298.3 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS

CDC2351-EP Datasheet (HTML) - Texas Instruments


CDC2351-EP Product details

Low Output Skew, Low Pulse Skew for
Clock-Distribution and Clock-Generation
Applications
Operates at 3.3-V VCC
LVTTL-Compatible Inputs and Outputs
Supports Mixed-Mode Signal Operation
(5-V Input and Output Voltages With 3.3-V
VCC)
Distributes One Clock Input to Ten Outputs
Outputs Have Internal Series Damping
Resistor to Reduce Transmission Line
Effects
Distributed VCC and Ground Pins Reduce
Switching Noise
State-of-the-Art EPIC-IIBE BiCMOS Design
Significantly Reduces Power Dissipation
Package Options Include Plastic
Small-Outline (DW) and Shrink
Small-Outline (DB) Packages
Available in Q-Temp Automotive
High Reliability Automotive Applications
Configuration Control / Print Support
Qualification to Automotive Standards

description
The CDC2351 is a high-performance clock-driver circuit that distributes one input (A) to ten outputs (Y) with
minimum skew for clock distribution. The output-enable (OE) input disables the outputs to a high-impedance
state. Each output has an internal series damping resistor to improve signal integrity at the load. The CDC2351
operates at nominal 3.3-V VCC.
The propagation delays are adjusted at the factory using the P0 and P1 pins. The factory adjustments ensure
that the part-to-part skew is minimized and is kept within a specified window. Pins P0 and P1 are not intended
for customer use and should be connected to GND.
The CDC2351 is characterized for operation from 0°C to 70°C. The CDC2351Q is characterized for operation
over the full automotive temperature range of –40°C to 125°C.




Similar Part No. - CDC2351-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
More results


Similar Description - CDC2351-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2351 TI-CDC2351 Datasheet
108Kb / 7P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351 TI-CDC351 Datasheet
108Kb / 7P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208 TI-CDC208 Datasheet
160Kb / 10P
DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
logo
PulseCore Semiconductor
ASM2P2351AH PULSECORE-ASM2P2351AH Datasheet
464Kb / 12P
1-Line To 10-Line Clock Driver With 3-State Outputs
logo
Texas Instruments
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351DBR TI-CDC351DBR Datasheet
507Kb / 13P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI1-CDC2351DBR Datasheet
775Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI-CDC2351DBR Datasheet
760Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208_15 TI-CDC208_15_15 Datasheet
826Kb / 16P
DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI1-CDC2351_15 Datasheet
777Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com