Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29FCT52T Datasheet (PDF) - Texas Instruments

CY29FCT52T Datasheet PDF - Texas Instruments
Part # CY29FCT52T
Download  CY29FCT52T Download
File Size   336.97 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT REGISTERED TRANSCEIVER

CY29FCT52T Datasheet (PDF)

Go To PDF Page Download Datasheet
CY29FCT52T Datasheet PDF - Texas Instruments

Part # CY29FCT52T
Download  CY29FCT52T Click to download

File Size   336.97 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT REGISTERED TRANSCEIVER

CY29FCT52T Datasheet (HTML) - Texas Instruments


CY29FCT52T Product details

Function, Pinout, and Drive Compatible
With FCT, F Logic, and AM2952
Reduced VOH (Typically = 3.3 V) Versions
of Equivalent FCT Functions
Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
Ioff Supports Partial-Power-Down Mode
Operation
Matched Rise and Fall Times
Fully Compatible With TTL Input and
Output Logic Levels
64-mA Output Sink Current
32-mA Output Source Current

description
The CY29FCT52T has two 8-bit back-to-back registers that store data flowing in both directions between two
bidirectional buses. Separate clock, clock enable, and 3-state output-enable signals are provided for each
register. Both A outputs and B outputs are specified to sink 64 mA.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.




Similar Part No. - CY29FCT52T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY29FCT52T TI-CY29FCT52T Datasheet
264Kb / 10P
8-Bit Registered Transceiver
CY29FCT52TQSOP TI-CY29FCT52TQSOP Datasheet
264Kb / 10P
8-Bit Registered Transceiver
CY29FCT52TSOIC TI-CY29FCT52TSOIC Datasheet
264Kb / 10P
8-Bit Registered Transceiver
More results


Similar Description - CY29FCT52T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY29FCT52T TI-CY29FCT52T Datasheet
264Kb / 10P
8-Bit Registered Transceiver
CY5474FCT543T TI-CY5474FCT543T Datasheet
73Kb / 9P
8-Bit Latched Registered Transceiver
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
8-Bit Registered Transceiver
CY74FCT2646T TI-CY74FCT2646T Datasheet
51Kb / 7P
8-Bit Registered Transceiver
CY74FCT2652T TI-CY74FCT2652T Datasheet
52Kb / 7P
8-Bit Registered Transceiver
CY74FCT652T TI-CY74FCT652T Datasheet
63Kb / 7P
8-Bit Registered Transceiver
logo
Fairchild Semiconductor
29F52 FAIRCHILD-29F52 Datasheet
69Kb / 8P
8-Bit Registered Transceiver
V320 FAIRCHILD-V320 Datasheet
648Kb / 10P
V320 8-Bit Registered Bus Transceiver
logo
Cypress Semiconductor
CY54FCT543T CYPRESS-CY54FCT543T Datasheet
140Kb / 8P
8-Bit Latched Registered Transceiver
logo
Texas Instruments
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com