Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0024 Datasheet (PDF) - Texas Instruments

LMH0024 Datasheet PDF - Texas Instruments
Part # LMH0024
Download  LMH0024 Download
File Size   292.29 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0024 3.3V SMPTE 259M / 344M Adaptive Cable Equalizer

LMH0024 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH0024 Datasheet PDF - Texas Instruments

Part # LMH0024
Download  LMH0024 Click to download

File Size   292.29 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0024 3.3V SMPTE 259M / 344M Adaptive Cable Equalizer

LMH0024 Datasheet (HTML) - Texas Instruments


LMH0024 Product details

General Description
The LMH0024 SMPTE 259M / 344M adaptive cable equalizer
is a monolithic integrated circuit for equalizing data transmitted
over cable (or any media with similar dispersive loss
characteristics). The equalizer operates over a wide range of
data rates from 125 Mbps to 540 Mbps and supports SMPTE
259M and SMPTE 344M.
The LMH0024 implements DC restoration to correctly handle
pathological data conditions. DC restoration can be bypassed
for low data rate applications. The equalizer is flexible in allowing
either single-ended or differential input drive.
Additional features include a mute pin which can be used to
manually mute the output and a cable length indicator which
determines the amount of cable being equalized.

Features
■ SMPTE 259M and SMPTE 344M compliant
■ Supports DVB-ASI at 270 Mbps
■ Data rates: 125 Mbps to 540 Mbps
■ Equalizes up to 350 meters of Belden 1694A at 270 Mbps
■ Manual bypass, cable length indicator, and output mute
■ Single-ended or differential input
■ 50Ω differential outputs
■ Single 3.3V supply operation
■ Industrial temperature range: −40°C to +85°C
■ 198 mW typical power consumption with 3.3V supply
■ Footprint compatible with the LMH0034 and the GS9064

Applications
■ SMPTE 259M and SMPTE 344M serial digital interfaces
■ Serial digital data equalization and reception
■ Data recovery equalization




Similar Part No. - LMH0024

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0024 NSC-LMH0024 Datasheet
479Kb / 7P
3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
logo
Intersil Corporation
LMH0024 INTERSIL-LMH0024 Datasheet
257Kb / 8P
3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
January 3, 2008
logo
National Semiconductor ...
LMH0024 NSC-LMH0024 Datasheet
257Kb / 8P
3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
LMH0024 NSC-LMH0024 Datasheet
284Kb / 8P
3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0024 TI1-LMH0024 Datasheet
293Kb / 10P
3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
More results


Similar Description - LMH0024

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC034 NSC-CLC034 Datasheet
461Kb / 6P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0024 NSC-LMH0024 Datasheet
479Kb / 7P
3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
logo
Intersil Corporation
LMH0074 INTERSIL-LMH0074 Datasheet
219Kb / 8P
SMPTE 259M / 344M Adaptive Cable Equalizer
December 5, 2007
LMH0024 INTERSIL-LMH0024 Datasheet
257Kb / 8P
3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
January 3, 2008
logo
National Semiconductor ...
LMH0024 NSC-LMH0024_08 Datasheet
257Kb / 8P
3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
LMH0034 NSC-LMH0034_07 Datasheet
267Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0024 NSC-LMH0024_09 Datasheet
284Kb / 8P
3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
LMH0074 NSC-LMH0074 Datasheet
248Kb / 8P
SMPTE 259M / 344M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0024 TI1-LMH0024 Datasheet
293Kb / 10P
3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
LMH0074 TI1-LMH0074 Datasheet
741Kb / 14P
MPTE 259M / 344M Adaptive Cable Equalizer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com