Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY74FCT138ATSOC.B Datasheet (PDF) - Texas Instruments

CY74FCT138ATSOC.B Datasheet PDF - Texas Instruments
Part # CY74FCT138ATSOC.B
Download  CY74FCT138ATSOC.B Download
File Size   246.42 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1-OF-8 DECODERS

CY74FCT138ATSOC.B Datasheet (PDF)

Go To PDF Page Download Datasheet
CY74FCT138ATSOC.B Datasheet PDF - Texas Instruments

Part # CY74FCT138ATSOC.B
Download  CY74FCT138ATSOC.B Click to download

File Size   246.42 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1-OF-8 DECODERS

CY74FCT138ATSOC.B Datasheet (HTML) - Texas Instruments


CY74FCT138ATSOC.B Product details

Function, Pinout, and Drive Compatible
With FCT and F Logic
Reduced VOH (Typically = 3.3 V) Versions of
Equivalent FCT Functions
Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
Ioff Supports Partial-Power-Down Mode
Operation
Matched Rise and Fall Times
Fully Compatible With TTL Input and
Output Logic Levels
Dual 1-of-8 Decoder With Enables
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
CY54FCT138T
– 32-mA Output Sink Current
– 12-mA Output Source Current
CY74FCT138T
– 64-mA Output Sink Current
– 32-mA Output Source Current

description
The ’FCT138T devices are 1-of-8 decoders. These devices accept three binary weighted inputs (A0, A1, A2)
and, when enabled, provide eight mutually exclusive active-low outputs (O0–O7). The ’FCT138T devices
feature three enable inputs: two active low (E1, E2) and one active high (E3).
All outputs are high unless E1 and E2 are low and E3 is high. This multiple-enable function allows easy parallel
expansion of the device to a 1-of-32 (five lines to 32 lines) decoder with just four ’FCT138T devices and one
inverter.
These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the device when it is powered down.




Similar Part No. - CY74FCT138ATSOC.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT138ATSOC TI-CY74FCT138ATSOC Datasheet
79Kb / 7P
1-of-8 Decoder
logo
Cypress Semiconductor
CY74FCT138ATSOC CYPRESS-CY74FCT138ATSOC Datasheet
155Kb / 6P
1-of-8 Decoder
logo
Texas Instruments
CY74FCT138ATSOC TI1-CY74FCT138ATSOC Datasheet
468Kb / 12P
1-OF-8 DECODERS
CY74FCT138ATSOCG4 TI1-CY74FCT138ATSOCG4 Datasheet
468Kb / 12P
1-OF-8 DECODERS
CY74FCT138ATSOCT TI-CY74FCT138ATSOCT Datasheet
79Kb / 7P
1-of-8 Decoder
More results


Similar Description - CY74FCT138ATSOC.B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT602L HOLTEK-HT602L Datasheet
837Kb / 14P
318 Series of Decoders
2nd Oct 97
HT6030 HOLTEK-HT6030 Datasheet
106Kb / 10P
312 Series of Decoders
December 13, 1999
HT604L HOLTEK-HT604L Datasheet
106Kb / 9P
318 Series of Decoders
April 24, 2000
logo
Texas Instruments
SN54L42 TI-SN54L42 Datasheet
426Kb / 9P
4-LINE TO 10-LINE DECODERS (1-OF-10)
logo
National Semiconductor ...
9301 NSC-9301 Datasheet
76Kb / 3P
1-OF-10 DECODERS
logo
Raytheon Company
74LS43 RAYTHEON-74LS43 Datasheet
201Kb / 3P
4-Line To 10-Line Decoders(1-of-10)
logo
Texas Instruments
SN54HC42 TI-SN54HC42_07 Datasheet
562Kb / 15P
4-LINE TO 10-LINE DECODERS(1 OF 10)
logo
Holtek Semiconductor In...
HT12D HOLTEK-HT12D_02 Datasheet
174Kb / 11P
212 Series of Decoders
November 18, 2002
HT604L HOLTEK-HT604L_03 Datasheet
153Kb / 12P
318 Series of Decoders
January 24, 2003
logo
Texas Instruments
CY54FCT138T TI1-CY54FCT138T_14 Datasheet
468Kb / 12P
1-OF-8 DECODERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com