Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD62386APG Datasheet (PDF) - Toshiba Semiconductor

TD62386APG Datasheet PDF - Toshiba Semiconductor
Part # TD62386APG
Download  TD62386APG Download
File Size   608.83 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8 Ch Low Input Active Darlington Sink Driver

TD62386APG Datasheet (PDF)

Go To PDF Page Download Datasheet
TD62386APG Datasheet PDF - Toshiba Semiconductor

Part # TD62386APG
Download  TD62386APG Click to download

File Size   608.83 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8 Ch Low Input Active Darlington Sink Driver

TD62386APG Datasheet (HTML) - Toshiba Semiconductor


TD62386APG Product details

The TD62386APG, TD62386AFG, TD62387APG, TD62387AFG and TD62388APG, TD62388AFG are non−inverting transistor arrays, which are comprised of eight NPN darlington output stages and PNP input stages.

All units feature integral clamp diodes for switching inductive loads. These devices are Low Level input active drivers and are suitable for operations with TTL, 5 V CMOS and 5 V Microprocessor which have sink current output drivers. Applications include relay, hammer, lamp and LED driver.



Features

• Output current (single output) 500 mA (Max)

• High sustaining voltage 50 V (Min)

• Output clamp diodes

• Low level active input

• Standard supply voltage

• Inputs compatible with TTL and 5 V CMOS

• Package type−APG: DIP−20 pin

• Package type−AFG: SOP−20 pin




Similar Part No. - TD62386APG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62386AP TOSHIBA-TD62386AP Datasheet
328Kb / 8P
8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
More results


Similar Description - TD62386APG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
AD62384AP TOSHIBA-AD62384AP Datasheet
266Kb / 7P
8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
AD62386AP TOSHIBA-AD62386AP Datasheet
328Kb / 8P
8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62304AFN TOSHIBA-TD62304AFN Datasheet
228Kb / 6P
7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62304FB TOSHIBA-TD62304FB Datasheet
230Kb / 6P
7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62308APA TOSHIBA-TD62308APA Datasheet
229Kb / 6P
4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62382AFN TOSHIBA-TD62382AFN Datasheet
206Kb / 5P
8 LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62387AFN TOSHIBA-TD62387AFN Datasheet
259Kb / 7P
8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62387AFNG TOSHIBA-TD62387AFNG Datasheet
490Kb / 10P
8 Ch Low Input Active Darlington Sink Driver
logo
Cystech Electonics Corp...
CH-D3815PB CYSTEKEC-CH-D3815PB Datasheet
176Kb / 6P
8-CH Darlington Sink Driver
logo
Toshiba Semiconductor
TD62304AFNG TOSHIBA-TD62304AFNG Datasheet
343Kb / 9P
7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
2006-06-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com