Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93C56-E Datasheet (PDF) - Microchip Technology

93C56-E Datasheet PDF - Microchip Technology
Part # 93C56-E
Download  93C56-E Download
File Size   590.67 Kbytes
Page   9 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2K/4K 5.0V CMOS Serial EEPROM

93C56-E Datasheet (PDF)

Go To PDF Page Download Datasheet
93C56-E Datasheet PDF - Microchip Technology

Part # 93C56-E
Download  93C56-E Click to download

File Size   590.67 Kbytes
Page   9 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2K/4K 5.0V CMOS Serial EEPROM

93C56-E Datasheet (HTML) - Microchip Technology


93C56-E Product details

FEATURES
● Low power CMOS technology
● ORG pin selectable memory organization
256 x 8 or 128 x 16 bit organization (93C56)
512 x 8 or 256 x 16 bit organization (93C66)
● Single 5 volts only operation
● Max clock at 2 MHz
● Self-timed ERASE and WRITE cycles
● Automatic ERASE before WRITE
● Power on/off data protection circuitry
● Industry standard 3-wire serial I/O
● Device status signal during ERASE/WRITE
cycles
● Sequential READ function
● 1,000,000 ERASE/WRITE cycles guaranteed
● Data retention > 40 years
● 8-pin PDIP/SOIC packages
(SOIC in JEDEC and ElAJ standards)
● Available for extended temperature ranges:
Commercial: 0°C to +70°C
Industrial: -40°C to +85°C
Automotive: -40'C to +125°C
● 1 ms byte write time

DESCRIPTION
The Microchip Technology Inc. 93C56/66 family of
Serial EEPROMs are configurable to either x16 or x8
organization. The ORG pin is used to select the
desired configuration. Advanced CMOS technology
makes this device ideal for low-power non-volatile
memory applications. The 93C56/66 are available in
the standard 8-pin DIP and 8-pin surface mount SOIC
package.
This device offers fast (1 ms) byte write and extended
(-40°C to +125°C) temperature operation. It is recommended that all other applications use Microchip's
93LC56/93LC66.




Similar Part No. - 93C56-E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93C56-E/P MICROCHIP-93C56-E/P Datasheet
590Kb / 9P
2K/4K 5.0V CMOS Serial EEPROM
93C56-E/SM MICROCHIP-93C56-E/SM Datasheet
590Kb / 9P
2K/4K 5.0V CMOS Serial EEPROM
93C56-E/SN MICROCHIP-93C56-E/SN Datasheet
590Kb / 9P
2K/4K 5.0V CMOS Serial EEPROM
More results


Similar Description - 93C56-E

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6420A-1 AKM-AK6420A-1 Datasheet
161Kb / 15P
2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420A AKM-AK6420A Datasheet
140Kb / 15P
2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
logo
Seiko Instruments Inc
S-29255A SII-S-29255A Datasheet
846Kb / 14P
CMOS 2K/4K-bit SERIAL EEPROM
logo
Catalyst Semiconductor
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
1K/2K/4K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
1K/2K/4K SPI Serial CMOS EEPROM
logo
Asahi Kasei Microsystem...
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Asahi Kasei Microsystem...
AK6420AM AKM-AK6420AM Datasheet
164Kb / 15P
2K / 4K / 8Kbit Serial CMOS EEPROM
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com