Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUAS4G Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TUAS4G Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TUAS4G
Download  TUAS4G Download
File Size   307.85 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 4A, 200V - 1000V Standard Surface Mount Rectifier

TUAS4G Datasheet (PDF)

Go To PDF Page Download Datasheet
TUAS4G Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TUAS4G
Download  TUAS4G Click to download

File Size   307.85 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 4A, 200V - 1000V Standard Surface Mount Rectifier

TUAS4G Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TUAS4G Product details

FEATURES
Glass passivated chip junction
High surge current capability
Ideal for automated placement
Wettable flank
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free

APPLICATIONS
DC to DC converter
Switching mode converters and inverters
General purpose




Similar Part No. - TUAS4G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TUAS3D TSC-TUAS3D Datasheet
307Kb / 5P
3A, 200V - 1000V Standard Surface Mount Rectifier
Version: A2406
TUAS3G TSC-TUAS3G Datasheet
307Kb / 5P
3A, 200V - 1000V Standard Surface Mount Rectifier
Version: A2406
TUAS3J TSC-TUAS3J Datasheet
307Kb / 5P
3A, 200V - 1000V Standard Surface Mount Rectifier
Version: A2406
TUAS3K TSC-TUAS3K Datasheet
307Kb / 5P
3A, 200V - 1000V Standard Surface Mount Rectifier
Version: A2406
TUAS3M TSC-TUAS3M Datasheet
307Kb / 5P
3A, 200V - 1000V Standard Surface Mount Rectifier
Version: A2406
More results


Similar Description - TUAS4G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S3DB-K TSC-S3DB-K Datasheet
434Kb / 5P
3A, 200V - 1000V Standard Surface Mount Rectifier
logo
T&S Brass. All Rights R...
S2D-T TS-S2D-T Datasheet
426Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DALH TS-S2DALH Datasheet
431Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S2D-T TSC-S2D-T Datasheet
426Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DFS TSC-S2DFS Datasheet
435Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DA-T TSC-S2DA-T Datasheet
424Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DALH TSC-S2DALH Datasheet
431Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DAL TSC-S2DAL Datasheet
436Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S1DLSH TSC-S1DLSH Datasheet
442Kb / 5P
1.2A, 200V - 1000V Standard Surface Mount Rectifier
S1DALH TSC-S1DALH Datasheet
430Kb / 5P
1A, 200V - 1000V Standard Surface Mount Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com