Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0ACA Datasheet (PDF) - Bel Fuse Inc.

0ACA Datasheet PDF - Bel Fuse Inc.
Part # 0ACA
Download  0ACA Download
File Size   445.2 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Power Battery Packs Protection Series

0ACA Datasheet (PDF)

Go To PDF Page Download Datasheet
0ACA Datasheet PDF - Bel Fuse Inc.

Part # 0ACA
Download  0ACA Click to download

File Size   445.2 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Power Battery Packs Protection Series

0ACA Datasheet (HTML) - Bel Fuse Inc.


0ACA Product details

Features
- Surface mount design to save space, 2410 SMD
- Ceramic square body with Silver plated end cap
- Compatible with 260℃, IR Pb-free solder process
- Wide operating temperature range, -55℃ to 125℃
- Tape & Reel for auto-insert SMD process
- Designed to UL248-1
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
- Full compatible with lead-free solder and high temperature profile
associated with lead-free assembly
- pass internal reliability performance and applicable for low duty application
(bicycle etc.)

Applications
- E-Bike - e Robot sweeper
- E-Motor - Power Tools




Similar Part No. - 0ACA

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ACA-9200-XX BEL-0ACA-9200-XX Datasheet
699Kb / 4P
Type 0ACA Power Battery Packs Protection Series
0ACA-9250-XX BEL-0ACA-9250-XX Datasheet
699Kb / 4P
Type 0ACA Power Battery Packs Protection Series
0ACA-9300-XX BEL-0ACA-9300-XX Datasheet
699Kb / 4P
Type 0ACA Power Battery Packs Protection Series
0ACA-9400-XX BEL-0ACA-9400-XX Datasheet
699Kb / 4P
Type 0ACA Power Battery Packs Protection Series
More results


Similar Description - 0ACA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33348 ONSEMI-MC33348 Datasheet
182Kb / 12P
LITHIUM BATTERY PROTECTION CIRCUIT FOR ONE CELL SMART BATTERY PACKS
1999 REV 2
MC33349 ONSEMI-MC33349 Datasheet
204Kb / 12P
Lithium Battery Protection Circuit for One Cell Battery Packs
May, 2000 ??Rev. 1
NCP802 ONSEMI-NCP802 Datasheet
125Kb / 23P
Highly Integrated Lithium Battery Protection Circuit for One Cell Battery Packs
September, 2004 ??Rev. 10
logo
MERITEK ELECTRONICS COR...
MPLR MERITEK-MPLR Datasheet
160Kb / 3P
Electronic applications: Rechargeable battery packs
logo
Motorola, Inc
MC33346 MOTOROLA-MC33346 Datasheet
108Kb / 3P
LITHIUM BATTERY PROTECTION CIRCUIT PROTECTION CIRCUIT THREE OR FOUR CELL SMART BATTERY PACKS
logo
Texas Instruments
BQ27750 TI1-BQ27750 Datasheet
1Mb / 34P
Impedance Track Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs
logo
HYCON Technology Corpor...
HY2112 HYCON-HY2112 Datasheet
766Kb / 17P
Battery Packs Protection ICs
HY2116 HYCON-HY2116 Datasheet
1Mb / 32P
Battery Packs Protection ICs
HY2118 HYCON-HY2118 Datasheet
1Mb / 33P
Battery Packs Protection ICs
logo
Bel Fuse Inc.
0ACA-9200-XX BEL-0ACA-9200-XX Datasheet
699Kb / 4P
Type 0ACA Power Battery Packs Protection Series
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com