Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6622 Datasheet (PDF) - Maxim Integrated Products

MAX6622 Datasheet PDF - Maxim Integrated Products
Part # MAX6622
Download  MAX6622 Download
File Size   195.4 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5-Channel Precision Temperature Monitor

MAX6622 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6622 Datasheet PDF - Maxim Integrated Products

Part # MAX6622
Download  MAX6622 Click to download

File Size   195.4 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5-Channel Precision Temperature Monitor

MAX6622 Datasheet (HTML) - Maxim Integrated Products


MAX6622 Product details

General Description
The MAX6622 precision multichannel temperature sensor monitors its own temperature and the temperatures of up to four external diode-connected transistors. All temperature channels have programmable alert thresholds. Channels 1 and 4 also have programmable overtemperature thresholds. When the measured temperature of a channel exceeds the respective threshold, a status bit is set in one of the status registers. Two open-drain outputs, OVERT and ALERT, assert corresponding to these bits in the status register.

Features
♦ Four Thermal-Diode Inputs
♦ Local Temperature Sensor
♦ 1°C Remote Temperature Accuracy (+60°C to +100°C)
♦ Temperature Monitoring Begins at POR for Fail-Safe System Protection
♦ ALERT and OVERT Outputs for Interrupts, Throttling, and Shutdown
♦ STBY Input for Hardware Standby Mode
♦ Small, 16-Pin TSSOP Package
♦ 2-Wire SMBus Interface
♦ Penryn CPU-Compatible
♦ Pin- and Register-Compatible with MAX6602

Applications
   Desktop Computers
   Notebook Computers
   Workstations
   Servers




Similar Part No. - MAX6622

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX662 MAXIM-MAX662 Datasheet
346Kb / 8P
Guaranteed 30mA Output
1992
MAX6620 MAXIM-MAX6620 Datasheet
355Kb / 30P
Quad Linear Fan-Speed Controller
Rev 0; 3/08
MAX6620 MAXIM-MAX6620 Datasheet
315Kb / 30P
Quad Linear Fan-Speed Controller
Rev 1; 1/13
MAX6620 MAXIM-MAX6620 Datasheet
281Kb / 30P
Quad Linear Fan-Speed Controller
Rev 1; 1/13
MAX6620 MAXIM-MAX6620 Datasheet
667Kb / 11P
Uses Four External Low-Cost PNP Pass Transistors
Rev 0; 3/08
More results


Similar Description - MAX6622

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6697 MAXIM-MAX6697 Datasheet
288Kb / 19P
7-Channel Precision Temperature Monitor
Rev 0; 1/05
MAX6699 MAXIM-MAX6699 Datasheet
310Kb / 19P
5-Channel Precision Temperature Monitor
Rev 0; 12/05
MAX6689 MAXIM-MAX6689 Datasheet
341Kb / 19P
7-Channel Precision Temperature Monitor
Rev 0; 5/06
MAX6602 MAXIM-MAX6602 Datasheet
608Kb / 18P
Five-Channel Precision Temperature Monitor
Rev 0; 7/06
MAX6689 MAXIM-MAX6689_07 Datasheet
234Kb / 19P
7-Channel Precision Temperature Monitor
Rev 1; 8/07
MAX6636 MAXIM-MAX6636 Datasheet
201Kb / 18P
7-Channel Precision Temperature Monitor
Rev 0; 12/07
MAX6694 MAXIM-MAX6694 Datasheet
198Kb / 18P
5-Channel Precision Temperature Monitor with Beta Compensation
Rev 0; 4/08
MAX6697 MAXIM-MAX6697_09 Datasheet
240Kb / 18P
7-Channel Precision Temperature Monitor
Rev 3; 5/09
MAX6602 MAXIM-MAX6602_07 Datasheet
207Kb / 18P
Five-Channel Precision Temperature Monitor
Rev 1; 8/07
MAX6699 MAXIM-MAX6699_07 Datasheet
301Kb / 19P
5-Channel Precision Temperature Monitor
Rev 2; 7/07
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com