Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC3248A Datasheet (PDF) - Analog Devices

DC3248A Datasheet PDF - Analog Devices
Part # DC3248A
Download  DC3248A Download
File Size   1712.67 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low VIN, High Efficiency 10A Step-Down DC-to-DC μModule Regulator

DC3248A Datasheet (PDF)

Go To PDF Page Download Datasheet
DC3248A Datasheet PDF - Analog Devices

Part # DC3248A
Download  DC3248A Click to download

File Size   1712.67 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low VIN, High Efficiency 10A Step-Down DC-to-DC μModule Regulator

DC3248A Datasheet (HTML) - Analog Devices


DC3248A Product details

Features
•Tiny surface mount, 4mm × 4mm × 1.43mm LGA
•Silent Switcher®2 architecture
•Ultralow Electromagnetic Interference (EMI) noise




Similar Part No. - DC3248A

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DC3217BY INTEL-DC3217BY Datasheet
694Kb / 4P
The Shape that Fits the Future
DC3217IYE INTEL-DC3217IYE Datasheet
681Kb / 4P
The Shape that Fits the Future
logo
SAB North America
DC3222401TP SAB-DC3222401TP Datasheet
296Kb / 1P
Tray & VFD Cables
DC3222402TP SAB-DC3222402TP Datasheet
296Kb / 1P
Tray & VFD Cables
DC3222403TP SAB-DC3222403TP Datasheet
296Kb / 1P
Tray & VFD Cables
More results


Similar Description - DC3248A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN30180A PANASONIC-AN30180A Datasheet
360Kb / 17P
VIN = 2.5V to 5.5V 1.2A Synchronous DC-DC Step Down Regulator
logo
Linear Technology
LTC1771 LINER-LTC1771_15 Datasheet
243Kb / 16P
10A Quiescent Current High Efficiency Step-Down DC/DC Controller
LTM4633 LINER-LTM4633_15 Datasheet
519Kb / 32P
Triple 10A Step-Down DC/DC Module Regulator
LTM4639 LINER-LTM4639_15 Datasheet
579Kb / 32P
Low VIN 20A DC/DC Module Step-Down Regulator
LTM4649 LINER-LTM4649_15 Datasheet
1Mb / 30P
10A Step-Down DC/DC Module Regulator
LTM4639 LINER-LTM4639 Datasheet
579Kb / 32P
Low VIN 20A DC/DC 關Module Step-Down Regulator
LTM4648 LINER-LTM4648 Datasheet
380Kb / 28P
Low VIN, 10A Step-Down 關Module Regulator
logo
Analog Devices
LTM4691 AD-LTM4691 Datasheet
1Mb / 22P
Low VIN, High Efficiency, Dual 2A Step-Down DC/DC 關Module Regulator
LTM4658 AD-LTM4658 Datasheet
1Mb / 26P
Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
LTM4638 AD-LTM4638 Datasheet
2Mb / 30P
20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com