Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6530GR Datasheet (PDF) - Monolithic Power Systems

MP6530GR Datasheet PDF - Monolithic Power Systems
Part # MP6530GR
Download  MP6530GR Download
File Size   1262.33 Kbytes
Page   18 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 5V to 60V, Three-Phase Brushless DC Motor Pre-Driver

MP6530GR Datasheet (PDF)

Go To PDF Page Download Datasheet
MP6530GR Datasheet PDF - Monolithic Power Systems

Part # MP6530GR
Download  MP6530GR Click to download

File Size   1262.33 Kbytes
Page   18 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 5V to 60V, Three-Phase Brushless DC Motor Pre-Driver

MP6530GR Datasheet (HTML) - Monolithic Power Systems


MP6530GR Product details

DESCRIPTION
The MP6530 is a gate driver IC designed for three-phase brushless DC motor driver applications. It is capable of driving three half bridges consisting of 6 N-channel power MOSFETs up to 60V.
The MP6530 integrates a regulated charge pump to generate gate drive power, and uses a bootstrap capacitor to generate a supply voltage for the high-side MOSFET driver. An internal trickle-charge circuit maintains sufficient high-side gate driver voltage even when an output is operated at 100% duty cycle.
Internal protection features include programmable short-circuit protection, overcurrent protection, adjustable dead-time control, undervoltage lockout, and thermal shutdown.
The MP6530 is available in 28-pin, 9.7mm × 6.4mm TSSOP and 4mm x 4mm QFN packages with an exposed thermal pad.

FEATURES
 Wide 5V to 60V Input Voltage Range
 Charge Pump Gate Drive Supply
 Bootstrap High-Side Driver with Trickle-Charge Circuit Supports 100% Duty Cycle Operation
 Low-Power Sleep Mode
 Programmable Short-Circuit Protection
 Over-Current Protection
 Adjustable Dead-Time Control to Prevent Shoot-Through
 Thermal Shutdown and UVLO Protection
 Fault Indication Output
 Thermally Enhanced Surface-Mount Package
APPLICATIONS
 Three-Phase Brushless DC Motors and Permanent Magnet Synchronous Motors
 Power Drills
 Impact Drivers
 E-Bike




Similar Part No. - MP6530GR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6530 MPS-MP6530 Datasheet
835Kb / 6P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver Evaluation Board
More results


Similar Description - MP6530GR

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13441 HITACHI-HA13441 Datasheet
143Kb / 6P
THREE PHASE BRUSHLESS DC MOTOR DRIVER
logo
Texas Instruments
DRV10970 TI1-DRV10970 Datasheet
672Kb / 38P
Three-Phase Brushless DC Motor Driver
logo
Allegro MicroSystems
A4931 ALLEGRO-A4931_16 Datasheet
244Kb / 9P
3-Phase Brushless DC Motor Pre-Driver
logo
Monolithic Power System...
EV6534-U-00A MPS-EV6534-U-00A Datasheet
368Kb / 6P
5V to 55V, Three-Phase Brushless DC Motor Pre-Driver With Buck Regulator Evaluation Board
EV6535-U-00A MPS-EV6535-U-00A Datasheet
343Kb / 6P
5V to 55V, Three-Phase Brushless DC Motor Pre-Driver With Buck Regulator Evaluation Board
EVKT6532 MPS-EVKT6532 Datasheet
838Kb / 6P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver Evaluation Board
EVKT6530 MPS-EVKT6530 Datasheet
835Kb / 6P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver Evaluation Board
MP6529 MPS-MP6529 Datasheet
472Kb / 13P
5V to 35V, Three-Phase, Brushless DC Motor Pre-Driver
MP6531A MPS-MP6531A Datasheet
1Mb / 18P
5V - 60V, Three-Phase, Brushless, DC Motor Pre-Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com