Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75LBC241 Datasheet (PDF) - Texas Instruments

SN75LBC241 Datasheet PDF - Texas Instruments
Part # SN75LBC241
Download  SN75LBC241 Download
File Size   291.57 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS

SN75LBC241 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75LBC241 Datasheet PDF - Texas Instruments

Part # SN75LBC241
Download  SN75LBC241 Click to download

File Size   291.57 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS

SN75LBC241 Datasheet (HTML) - Texas Instruments


SN75LBC241 Product details

Operates With Single 5-V Power Supply
Meets or Exceeds the Requirements of
TIA/EIA-232-F and ITU Recommendation
V.28
Improved Performance Replacement for
MAX241
Operates at Data Rates up to 100 kbit/s
Over a 3-m Cable
Low-Power Shutdown Mode . . . ≤1 μA Typ
LinBiCMOS Process Technology
Four Drivers and Five Receivers
±30-V Input Levels
3-State TTL/CMOS Receiver Outputs
±9-V Output Swing With a 5-V Supply
Applications
– TIA/EIA-232-F Interface
– Battery-Powered Systems
– Terminals
– Modems
– Computers
Packaged in Plastic Small-Outline Package

description
The SN75LBC241 is a low-power LinBiCMOS line-interface device containing four independent drivers and
five receivers. It is designed as a plug-in replacement for the Maxim MAX241. The SN75LBC241 provides a
capacitive-charge-pump voltage generator to produce RS-232 voltage levels from a 5-V supply. The
charge-pump oscillator frequency is 20 kHz. Each receiver converts RS-232 inputs to 5-V TTL/CMOS levels.
The receivers have a typical threshold of 1.2 V and a typical hysteresis of 0.5 V and can accept ±30-V inputs.
Each driver converts TTL/CMOS input levels into RS-232 levels.
The SN75LBC241 includes a receiver, a 3-state control line, and a low-power shutdown control line. When the
EN line is high, receiver outputs are placed in the high-impedance state. When EN is low, normal operation is
enabled.
The shutdown mode reduces power dissipation to less than 5 μW, typically. In this mode, receiver outputs have
high impedance, driver outputs are turned off, and the charge-pump circuit is turned off. When SHUTDOWN
is high, the shutdown mode is enabled. When SHUTDOWN is low, normal operation is enabled.
This device has been designed to conform to TIA/EIA-232-F and ITU Recommendation V.28.
The SN75LBC241 has been designed using LinBiCMOS technology and cells contained in the
Texas Instruments LinASIC library. Use of LinBiCMOS circuitry increases latch-up immunity in this device
over an all-CMOS design.
The SN75LBC241 is characterized for operation from 0°C to 70°C.




Similar Part No. - SN75LBC241

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC241 TI-SN75LBC241 Datasheet
129Kb / 8P
LOW-POWER LinBiCMOSE MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241 TI-SN75LBC241 Datasheet
206Kb / 10P
LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241 TI1-SN75LBC241 Datasheet
519Kb / 13P
LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241DB TI-SN75LBC241DB Datasheet
129Kb / 8P
LOW-POWER LinBiCMOSE MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241DW TI-SN75LBC241DW Datasheet
129Kb / 8P
LOW-POWER LinBiCMOSE MULTIPLE DRIVERS AND RECEIVERS
More results


Similar Description - SN75LBC241

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75C185 STMICROELECTRONICS-ST75C185 Datasheet
111Kb / 13P
LOW POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
Jun-2000
logo
Texas Instruments
SN75C185 TI-SN75C185 Datasheet
141Kb / 10P
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241 TI-SN75LBC241 Datasheet
129Kb / 8P
LOW-POWER LinBiCMOSE MULTIPLE DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185 Datasheet
117Kb / 8P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP196 TI-SN75LP196 Datasheet
104Kb / 8P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LBC241 TI-SN75LBC241_06 Datasheet
206Kb / 10P
LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI-SN75C185_06 Datasheet
305Kb / 13P
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI1-SN75C185_16 Datasheet
1Mb / 18P
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241 TI1-SN75LBC241_14 Datasheet
519Kb / 13P
LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LP1185 TI1-SN75LP1185_16 Datasheet
1Mb / 17P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com