Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75LBC968DL Datasheet (PDF) - Texas Instruments

SN75LBC968DL Datasheet PDF - Texas Instruments
Part # SN75LBC968DL
Download  SN75LBC968DL Download
File Size   347.13 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION

SN75LBC968DL Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75LBC968DL Datasheet PDF - Texas Instruments

Part # SN75LBC968DL
Download  SN75LBC968DL Click to download

File Size   347.13 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION

SN75LBC968DL Datasheet (HTML) - Texas Instruments


SN75LBC968DL Product details

Nine Single-Ended SCSI Transceiver
Channels With Active Termination
Programmable Drivers Provide Active
Negation (Totem Pole) or Wired-OR (Open
Drain) Outputs
24-mA Current-Mode Active Termination
With Common Nine-Channel Bus Enable
Low Output Capacitance Presented to SCSI
Bus, 13.5 pF Typ
3.3 V Compatible Logic Inputs Provide
Bridge from 3 V Controllers to 5 V SCSI
Bus
Designed to Operate at 10-Million Data
Transfers Per Second (Fast-SCSI)
Controlled Driver Rise and Fall Times
5 ns Min
High-Receiver Input-Voltage Hysteresis
500 mV Typ
Receiver Input-Noise Pulse Filter
5 ns Typ
Each Driver and Receiver Meets ANSI
X3.131-1994 (SCSI-2) and the Proposed
SCSI-3 Standards
Power-Up/Power-Down Glitch Protection
High Impedance Driver With VCC at 0 V




Similar Part No. - SN75LBC968DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC968DL TI-SN75LBC968DL Datasheet
234Kb / 16P
9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
SN75LBC968DL TI1-SN75LBC968DL Datasheet
415Kb / 19P
9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
SN75LBC968DLG4 TI1-SN75LBC968DLG4 Datasheet
415Kb / 19P
9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
SN75LBC968DLR TI1-SN75LBC968DLR Datasheet
415Kb / 19P
9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
SN75LBC968DLRG4 TI1-SN75LBC968DLRG4 Datasheet
415Kb / 19P
9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
More results


Similar Description - SN75LBC968DL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
9 Channel Bus LVDS Transceiver
logo
Texas Instruments
SN75LBC968 TI-SN75LBC968 Datasheet
234Kb / 16P
9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
logo
National Semiconductor ...
SCAN92LV090 NSC-SCAN92LV090 Datasheet
30Kb / 1P
9 Channel Bus LVDS Transceiver with 1149.1 Access
SCAN92LV090 NSC-SCAN92LV090 Datasheet
701Kb / 13P
9 Channel Bus LVDS Transceiver w/ Boundary SCAN
logo
Motorola, Inc
MC3448A MOTOROLA-MC3448A Datasheet
424Kb / 5P
QUAD THREE-STATE BUS TRANSCEIVER WITH TERMINATION NETWORKS
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
9 Channel Bus LVDS Transceiver
SCAN92LV090 NSC-SCAN92LV090_06 Datasheet
352Kb / 14P
9 Channel Bus LVDS Transceiver w/ Boundary SCAN
logo
Texas Instruments
DS92LV090AEP TI1-DS92LV090AEP Datasheet
308Kb / 14P
DS92LV090AEP 9 Channel Bus LVDS Transceiver
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
9 Channel Bus LVDS Transceiver
SN75LBC968 TI1-SN75LBC968_09 Datasheet
415Kb / 19P
9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com