Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3308 Datasheet (PDF) - Texas Instruments

TAS3308 Datasheet PDF - Texas Instruments
Part # TAS3308
Download  TAS3308 Download
File Size   272.29 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE

TAS3308 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS3308 Datasheet PDF - Texas Instruments

Part # TAS3308
Download  TAS3308 Click to download

File Size   272.29 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE

TAS3308 Datasheet (HTML) - Texas Instruments


TAS3308 Product details

1FEATURES
• Digital Audio Processor
– Fully Programmable With the Graphical,
Drag-and-Drop PurePath Studio™ Software
Development Environment
– 135-MHz Operation 48-Bit Data Path With
76-Bit Accumulator
– Hardware Single-Cycle Multiplier (28 × 48)
– Five Simultaneous Operations Per Clock
Cycle
– Usable 1k Data RAM Words (48 Bit), Usable
1k Coefficient RAM (28 Bit)
– Usable 2.8k Program RAM
– 360 ms at 48 kHz, 17k Words 24-Bit Delay
Memory
– Slave Mode Fs is 32.44.1 and 48 kHz With
Auto Sample Rate Detection
– Master Mode Fs is 48 kHz
• Analog Audio Input/Output
– 10:1 Stereo Analog Input MUX
– Stereo Analog Pass-Through Channel
– Stereo, Single-Ended ADC
(100 dB DNR Typical)
– Six Differential PWM Outputs
(105 dB DNR Typical)
– PurePath™ Digital Technology Minimizes
Pop/Click
– Fourth Order Chaotic Noise Shaper With
Non-Linear Correction
• Digital Audio Input/Output
– Three Synchronous Serial Audio Inputs
(Six Channels)
– Two Synchronous Serial Audio Outputs
(Four Channels)
– Input and Output Data Formats: 16-, 20-, or
24-Bit Data Left, Right, and I2S
– S/PDIF Transmitter
• System Control Processor
– Embedded 8051 WARP Microprocessor
– Programmable Using Standard 8051 C
Compilers
– Four Programmable GPIO pins
• General Features
– Two I2C Ports for Slave or Master Download
– Single 3.3-V Power Supply
– Integrated Regulators

APPLICATIONS
• Flat-Screen Televisions
• MP3 Player/Music Phone Docks
• Speaker Bars
• Mini/Micro-Component Systems
• Automotive Head Units
• Musical Instruments





Similar Part No. - TAS3308

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3308 TI-TAS3308 Datasheet
370Kb / 11P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3308PZT TI-TAS3308PZT Datasheet
370Kb / 11P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3308PZTR TI-TAS3308PZTR Datasheet
370Kb / 11P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
More results


Similar Description - TAS3308

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3002 TI-TAS3002 Datasheet
350Kb / 74P
Digital Audio Processor With Codec
logo
Maxim Integrated Produc...
MAX5406 MAXIM-MAX5406 Datasheet
501Kb / 26P
Audio Processor with Pushbutton Interface
Rev 0; 5/06
logo
Texas Instruments
TAS3208 TI-TAS3208 Datasheet
221Kb / 9P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3204 TI-TAS3204 Datasheet
1Mb / 72P
AUDIO DSP WITH ANALOG INTERFACE
logo
STMicroelectronics
STA330 STMICROELECTRONICS-STA330 Datasheet
832Kb / 55P
2.0 digital audio processor with FFX digital modulator and analog and digital inputs
12-Dec-2007
logo
Texas Instruments
TAS3308 TI-TAS3308 Datasheet
370Kb / 11P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218 Datasheet
1Mb / 78P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218_1 Datasheet
1Mb / 79P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3208 TI1-TAS3208_15 Datasheet
991Kb / 79P
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
logo
Maxim Integrated Produc...
MAX5406 MAXIM-MAX5406_V01 Datasheet
2Mb / 25P
Audio Processor with Pushbutton Interface
19-3817; Rev 1; 4/14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com