Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL092 Datasheet (PDF) - Texas Instruments

TL092 Datasheet PDF - Texas Instruments
Part # TL092
Download  TL092 Download
File Size   308.66 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL JFET-INPUT OPERATIONAL AMPLIFIER

TL092 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL092 Datasheet PDF - Texas Instruments

Part # TL092
Download  TL092 Click to download

File Size   308.66 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL JFET-INPUT OPERATIONAL AMPLIFIER

TL092 Datasheet (HTML) - Texas Instruments


TL092 Product details

Wide Range of Supply Voltages; Single
Supply . . . 3 V to 36 V, or Dual Supplies
Class AB Output Stage
High-Impedance N-Channel-JFET Input
Stage . . . 1012 Ω Typ
Internal Frequency Compensation
Short-Circuit Protection
Input Common Mode Includes VCC−
Low Input Offset Current . . . 50 pA
Low Input Bias Current . . . 200 pA Typ

description
The TL092 JFET-input operational amplifier is similar in performance to the MC3403 family, but with much
higher input impedance derived from a FET input stage. The N-channel-JFET input stage allows a
common-mode input voltage range that includes the negative supply voltage and offers a typical input
impedance of 1012Ω a typical input offset current of 50 pA, and a typical input bias current of 200 pA. This device
is designed to operate from a single supply over a range of 3 V to 36 V. Operation from split supplies also is
possible, provided the difference between the two supplies is 3 V to 36 V. Output voltage range is from VCC−
to VCC+ − 1.3 V, with a load resistor to VCC−.
The TL092 is characterized for operation from 0°C to 70°C.




Similar Part No. - TL092

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL092 TI-TL092 Datasheet
101Kb / 6P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
TL092 TI-TL092 Datasheet
162Kb / 8P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
TL092 TI-TL092 Datasheet
610Kb / 8P
JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Transko Electronics, In...
TL09207AV TRANSKO-TL09207AV Datasheet
539Kb / 4P
92.16 MHz IF SAW Filter / 7.36 MHz Bandwidth
Revision 0: 15 Apr. 2009
TL09244AV TRANSKO-TL09244AV Datasheet
538Kb / 4P
92.16 MHz IF SAW Filter / 44.04 MHz Bandwidth
Revision 0: 15 Apr. 2009
More results


Similar Description - TL092

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-215 AD-OP-215 Datasheet
393Kb / 8P
DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL092 TI-TL092 Datasheet
101Kb / 6P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
logo
Analog Devices
OP215 AD-OP215 Datasheet
162Kb / 8P
Dual Precision JFET-Input Operational Amplifier
4/02-REV.A
logo
Texas Instruments
TL092 TI-TL092_06 Datasheet
162Kb / 8P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
LF412C TI-LF412C_07 Datasheet
300Kb / 8P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
LF353DRG4 TI-LF353DRG4 Datasheet
525Kb / 9P
JFET-INPUT DUAL OPERATIONAL AMPLIFIER
logo
Analog Devices
OP215GS AD-OP215GS Datasheet
145Kb / 8P
Dual Precision JFET-Input Operational Amplifier
REV. A
OP215 AD-OP215_15 Datasheet
163Kb / 8P
Dual Precision JFET-Input Operational Amplifier
REV. A
logo
Texas Instruments
LF412C TI1-LF412C Datasheet
382Kb / 10P
Dual JFET-INPUT Operational Amplifier
logo
Analog Devices
OP215 AD-OP215_17 Datasheet
193Kb / 9P
Dual Precision JFET-Input Operational Amplifier
23-Aug-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com