Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL1453CD Datasheet (PDF) - Texas Instruments

TL1453CD Datasheet PDF - Texas Instruments
Part # TL1453CD
Download  TL1453CD Download
File Size   206.38 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT

TL1453CD Datasheet (PDF)

Go To PDF Page Download Datasheet
TL1453CD Datasheet PDF - Texas Instruments

Part # TL1453CD
Download  TL1453CD Click to download

File Size   206.38 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT

TL1453CD Datasheet (HTML) - Texas Instruments


TL1453CD Product details

Complete PWM Power Control Circuitry
Completely Synchronized Operation
Internal Undervoltage Lockout Protection
Wide Supply Voltage Range
Oscillator Frequency . . . 500 kHz Max
Variable Dead Time Provides Control
Over Total Range
Internal Regulator Provides a Stable 2.5-V
Reference Supply

description
The TL1453C incorporates the functions required in the construction of two pulse-width-modulation control
circuits on a single monolithic chip. Designed primarily for power supply control, the TL1453C contains an
on-chip 2.5-V regulator, two error amplifiers, an adjustable oscillator, two dead-time comparators, undervoltage
lockout circuitry, and dual common-emitter output transistor circuits.
The uncommitted output transistors provide common-emitter output capability for each controller. The internal
amplifiers exhibit a common-mode voltage range from 1.05 V to 1.45 V. The dead-time control comparator has
no offset unless externally altered and may be used to provide 0% to 100% dead time. The on-chip oscillator
may be operated by terminating RT (pin 2) and CT (pin 1). During low-VCC conditions, the undervoltage lockout
control circuit feature inhibits the output until the internal circuitry is operational.
The TL1453C is characterized for operation from –20°C to 85°C.




Similar Part No. - TL1453CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1453CD TI1-TL1453CD Datasheet
422Kb / 8P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL1453CDG4 TI1-TL1453CDG4 Datasheet
422Kb / 8P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results


Similar Description - TL1453CD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Texas Instruments
TL1453C TI-TL1453C Datasheet
116Kb / 7P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL5002 TI-TL5002 Datasheet
233Kb / 14P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
KODENSHI_AUK CORP.
KK494A KODENSHI-KK494A Datasheet
464Kb / 5P
Pulse-Width-Modulation Control Circuit
logo
Texas Instruments
TL594 TI-TL594_07 Datasheet
642Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Unisonic Technologies
TL594 UTC-TL594_09 Datasheet
335Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Texas Instruments
TL1453CPWR TI1-TL1453CPWR Datasheet
422Kb / 8P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com