Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC551 Datasheet (PDF) - Texas Instruments

TLC551 Datasheet PDF - Texas Instruments
Part # TLC551
Download  TLC551 Download
File Size   356.46 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LinCMOSE TIMERS

TLC551 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC551 Datasheet PDF - Texas Instruments

Part # TLC551
Download  TLC551 Click to download

File Size   356.46 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LinCMOSE TIMERS

TLC551 Datasheet (HTML) - Texas Instruments


TLC551 Product details

Very Low Power Consumption
1 mW Typ at VDD = 5 V
Capable of Operation in Astable Mode
CMOS Output Capable of Swinging Rail
to Rail
High Output-Current Capability
Sink 100 mA Typ
Source 10 mA Typ
Output Fully Compatible With CMOS, TTL,
and MOS
Low Supply Current Reduces Spikes
During Output Transitions
Single-Supply Operation From 1 V to 15 V
Functionally Interchangeable With the
NE555; Has Same Pinout
ESD Protection Exceeds 2000 V Per
MIL-STD-883C, Method 3015.2




Similar Part No. - TLC551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC551 TI-TLC551 Datasheet
277Kb / 16P
LinCMOSE TIMERS
TLC551 TI1-TLC551 Datasheet
297Kb / 17P
LinCMOSE TIMERS
TLC5510 TI-TLC5510 Datasheet
218Kb / 15P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI-TLC5510 Datasheet
233Kb / 15P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI1-TLC5510 Datasheet
233Kb / 15P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
More results


Similar Description - TLC551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC551 TI-TLC551 Datasheet
277Kb / 16P
LinCMOSE TIMERS
TLC552C TI-TLC552C Datasheet
134Kb / 9P
DUAL LINCMOSE TIMER
TLC555 TI-TLC555 Datasheet
404Kb / 19P
LinCMOSE TIMERS
TLC556 TI-TLC556 Datasheet
236Kb / 18P
DUAL LinCMOSE TIMERS
logo
ON Semiconductor
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
Timers
March, 2004 ??Rev. 8
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
Timers
February, 2006 ??Rev. 9
logo
Texas Instruments
TLC556IDG4 TI1-TLC556IDG4 Datasheet
1,005Kb / 22P
DUAL LinCMOSE TIMERS
TLC551 TI1-TLC551_06 Datasheet
297Kb / 17P
LinCMOSE TIMERS
TLC555 TI1-TLC555_16 Datasheet
1Mb / 25P
LinCMOSE TIMERS
TLC556 TI1-TLC556_16 Datasheet
1Mb / 22P
DUAL LinCMOSE TIMERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com