Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS25MB200 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
DS25MB200 Datasheet PDF - National Semiconductor (TI)
Part # DS25MB200
Download  DS25MB200 Download
File Size   316.64 Kbytes
Page   14 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization

DS25MB200 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS25MB200 Datasheet PDF - National Semiconductor (TI)

Part # DS25MB200
Download  DS25MB200 Click to download

File Size   316.64 Kbytes
Page   14 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization

DS25MB200 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - DS25MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25MB200 NSC-DS25MB200 Datasheet
660Kb / 13P
Dual 2.5 Gb/s 1:2 Mux/Buffer with Input Equalization and Output Pre-Emphasis
DS25MB200 NSC-DS25MB200 Datasheet
319Kb / 14P
Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre- Emphasis and Receive Equalization
logo
Texas Instruments
DS25MB200 TI1-DS25MB200 Datasheet
781Kb / 17P
Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 TI1-DS25MB200 Datasheet
794Kb / 17P
DS25MB200 Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 TI2-DS25MB200 Datasheet
343Kb / 16P
DS25MB200 Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
REVISED APRIL 2013
More results


Similar Description - DS25MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB100_0712 NSC-DS25MB100_0712 Datasheet
995Kb / 16P
2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit De-Emphasis and Receive Equalization
DS40MB200 NSC-DS40MB200_07 Datasheet
1Mb / 16P
Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 NSC-DS25MB200_08 Datasheet
319Kb / 14P
Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre- Emphasis and Receive Equalization
logo
Texas Instruments
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 TI1-DS40MB200_14 Datasheet
922Kb / 20P
Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB100 TI1-DS25MB100_16 Datasheet
1Mb / 23P
DS25MB100 2.5 Gbps 2:1/1:2 CML Mux/Buffer With Transmit Pre-Emphasis and Receive Equalization
DS25MB200 TI1-DS25MB200_15 Datasheet
794Kb / 17P
DS25MB200 Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS42MB200 TI1-DS42MB200_14 Datasheet
904Kb / 18P
DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 TI1-DS40MB200_17 Datasheet
1Mb / 26P
Dual 4-Gbps 2:1/1:2 CML MUX/Buffer With Transmit Pre-Emphasis and Receive Equalization
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com