Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS1233N.A Datasheet (PDF) - Texas Instruments

TLS1233N.A Datasheet PDF - Texas Instruments
Part # TLS1233N.A
Download  TLS1233N.A Download
File Size   206.27 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description VIDEO PREAMPLIFIER SYSTEM

TLS1233N.A Datasheet (PDF)

Go To PDF Page Download Datasheet
TLS1233N.A Datasheet PDF - Texas Instruments

Part # TLS1233N.A
Download  TLS1233N.A Click to download

File Size   206.27 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description VIDEO PREAMPLIFIER SYSTEM

TLS1233N.A Datasheet (HTML) - Texas Instruments


TLS1233N.A Product details

Wide Bandwidth . . . Typ 100 MHz at −3 dB
Three Channels
0 V to 4 V, Digital Level-Contrast Control
0 V to 4 V, Digital Level-Gain Adjust Control
20-Pin Plastic DIP for Small PCB Area
Required
Fewer Peripheral Components Required
Than for LM1203 Applications
Independent CLAMP(+) Adjustment to Each
Channel

description
The TLS1233 is a 100-MHz wide-band video preamplifier system intended for mid-to-high-resolution RGB
(red-green-blue) color monitors. Each video amplifier (R, G, and B) contains a gain set for adjusting maximum
system gain (AV = 7.8 V/V). The TLS1233 provides digital level-operated contrast, brightness, and gain
adjustment control. All the control inputs offer high input impedance and an operation range from 0 V to 4 V for
easy interface to the serial digital buses. Provided in a 20-pin plastic dual-in-line package (DIP), the TLS1233
integrates most of the external components required to accommodate the video system.
The TLS1233 operates from a 12-V supply and contains an internal input bias voltage. Also, the TLS1233
contains the feedback resistor required between output and CLAMP(−) for dc level holding. The device is
characterized for operation from 0°C to 70°C.




Similar Part No. - TLS1233N.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLS1233N TI-TLS1233N Datasheet
120Kb / 7P
VIDEO PREAMPLIFIER SYSTEM
More results


Similar Description - TLS1233N.A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52721SP MITSUBISHI-M52721SP Datasheet
75Kb / 10P
WIDEBAND VIDEO PREAMPLIFIER WITH OSD MIX
logo
NXP Semiconductors
TDA4887PS PHILIPS-TDA4887PS Datasheet
425Kb / 68P
160 MHz bus-controlled monitor video preamplifier
2001 Oct 19
logo
Texas Instruments
TLS1233 TI-TLS1233 Datasheet
120Kb / 7P
VIDEO PREAMPLIFIER SYSTEM
logo
Toshiba Semiconductor
TA2068N TOSHIBA-TA2068N Datasheet
754Kb / 18P
SYSTEM PREAMPLIFIER FOR SINGLE CASSETTE DECK
logo
Rohm
BA3423S ROHM-BA3423S Datasheet
417Kb / 18P
Double cassette tape recorder system preamplifier
BA3426AS ROHM-BA3426AS Datasheet
299Kb / 12P
Double cassette tape recorder system preamplifier
logo
Analog Intergrations Co...
AIC1863 AIC-AIC1863 Datasheet
112Kb / 8P
IR Preamplifier for Remote Control System
logo
STMicroelectronics
TDA9201 STMICROELECTRONICS-TDA9201 Datasheet
709Kb / 12P
WIDE BAND VIDEO PREAMPLIFIER
Sep-1993
logo
Texas Instruments
TLS1215 TI-TLS1215 Datasheet
96Kb / 6P
WIDE-BAND VIDEO PREAMPLIFIER SYSTEM WITH BLANKING
TLS1255 TI1-TLS1255 Datasheet
139Kb / 7P
VIDEO PREAMPLIFIER SYSTEM WITH ON-SCREEN DISPLAY (OSD)MIXER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com