Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5620C Datasheet (PDF) - Texas Instruments

TLC5620C Datasheet PDF - Texas Instruments
Part # TLC5620C
Download  TLC5620C Download
File Size   328.94 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS

TLC5620C Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC5620C Datasheet PDF - Texas Instruments

Part # TLC5620C
Download  TLC5620C Click to download

File Size   328.94 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS

TLC5620C Datasheet (HTML) - Texas Instruments


TLC5620C Product details

Four 8-Bit Voltage Output DACs
5-V Single-Supply Operation
Serial Interface
High-Impedance Reference Inputs
Programmable 1 or 2 Times Output Range
Simultaneous Update Facility
Internal Power-On Reset
Low-Power Consumption
Half-Buffered Output

applications
Programmable Voltage Sources
Digitally Controlled Amplifiers/Attenuators
Mobile Communications
Automatic Test Equipment
Process Monitoring and Control
Signal Synthesis

description
The TLC5620C and TLC5620I are quadruple 8-bit voltage output digital-to-analog converters (DACs) with
buffered reference inputs (high impedance). The DACs produce an output voltage that ranges between either
one or two times the reference voltages and GND, and the DACs are monotonic. The device is simple to use,
running from a single supply of 5 V. A power-on reset function is incorporated to ensure repeatable start-up
conditions.
Digital control of the TLC5620C and TLC5620I are over a simple three-wire serial bus that is CMOS compatible
and easily interfaced to all popular microprocessor and microcontroller devices. The 11-bit command word
comprises eight bits of data, two DAC-select bits, and a range bit, the latter allowing selection between the times
1 or times 2 output range. The DAC registers are double buffered, allowing a complete set of new values to be
written to the device, then all DAC outputs are updated simultaneously through control of LDAC. The digital
inputs feature Schmitt triggers for high noise immunity.
The 14-terminal small-outline (D) package allows digital control of analog functions in space-critical
applications. The TLC5620C is characterized for operation from 0°C to 70°C. The TLC5620I is characterized
for operation from –40°C to 85°C. The TLC5620C and TLC5620I do not require external trimming.




Similar Part No. - TLC5620C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
218Kb / 10P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI1-TLC5620C Datasheet
395Kb / 17P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620CD TI-TLC5620CD Datasheet
190Kb / 13P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620CD TI-TLC5620CD Datasheet
218Kb / 10P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Similar Description - TLC5620C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225C TI-TLC7225C Datasheet
289Kb / 21P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620C TI-TLV5620C Datasheet
196Kb / 14P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
218Kb / 10P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225 TI1-TLC7225 Datasheet
337Kb / 22P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226 TI1-TLC7226 Datasheet
457Kb / 21P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620IDR TI-TLV5620IDR Datasheet
734Kb / 16P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI1-TLC5620C_08 Datasheet
395Kb / 17P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI1-TLC7226C Datasheet
227Kb / 18P
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com