Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2001D2PWP Datasheet (PDF) - Texas Instruments

TPA2001D2PWP Datasheet PDF - Texas Instruments
Part # TPA2001D2PWP
Download  TPA2001D2PWP Download
File Size   303.12 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER

TPA2001D2PWP Datasheet (PDF)

Go To PDF Page Download Datasheet
TPA2001D2PWP Datasheet PDF - Texas Instruments

Part # TPA2001D2PWP
Download  TPA2001D2PWP Click to download

File Size   303.12 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER

TPA2001D2PWP Datasheet (HTML) - Texas Instruments


TPA2001D2PWP Product details

Modulation Scheme Optimized to Operate
Without a Filter
1 W Into 8-W Speakers (THD+N< 0.4%)
< 0.08% THD+N at 0.5 W, 1 kHz, Into 8-W
Load
Extremely Efficient 3rd Generation 5-V
Class-D Technology:
– Low Supply Current (No Filter) . . . 8 mA
– Low Supply Current (Filter) . . . 15 mA
– Low Shutdown Current . . . 1 mA
– Low Noise Floor . . . 56 mVRMS
– Maximum Efficiency Into 8 W, 75 – 85%
– 4 Internal Gain Settings . . . 8 – 23.5 dB
– PSRR . . . –77 dB
Integrated Depop Circuitry
Short-Circuit Protection (Short to Battery,
Ground, and Load)
–40°C to 85°C Operating Temperature
Range

description
The TPA2001D2 is the third generation 5-V class-D amplifier from Texas Instruments. Improvements to
previous generation devices include: lower supply current, lower noise floor, better efficiency, four different gain
settings, smaller packaging, and fewer external components. The most significant advancement with this device
is its modulation scheme that allows the amplifier to operate without the output filter. Eliminating the output filter
saves the user approximately 30% in system cost and 75% in PCB area.
The TPA2001D2 is a monolithic class-D power IC stereo audio amplifier, using the high switching speed of
power MOSFET transistors. These transistors reproduce the analog signal through high-frequency switching
of the output stage. The TPA2001D2 is configured as a bridge-tied load (BTL) amplifier capable of delivering
greater than 1 W of continuous average power into an 8-W load at less than 0.6% THD+N from a 5-V power
supply in the high fidelity range (20 Hz to 20 kHz). With 1 W being delivered to an 8-W load at 1 kHz, the typical
THD+N is less than 0.08%.
A BTL configuration eliminates the need for external coupling capacitors on the output. Low supply current of
8 mA makes the device ideal for battery-powered applications. Protection circuitry increases device reliability:
thermal, over-current, and under-voltage shutdown.
Efficient class-D modulation enables the TPA2001D2 to operate at full power into 8-W loads at an ambient
temperature of 85°C.




Similar Part No. - TPA2001D2PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2001D2PWP TI-TPA2001D2PWP Datasheet
180Kb / 13P
1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2PWP TI-TPA2001D2PWP Datasheet
209Kb / 14P
1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2PWPR TI-TPA2001D2PWPR Datasheet
209Kb / 14P
1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2PWPRG4 TI-TPA2001D2PWPRG4 Datasheet
209Kb / 14P
1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Similar Description - TPA2001D2PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2 TI-TPA2001D2 Datasheet
180Kb / 13P
1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304 Datasheet
408Kb / 19P
2 W Filterless Class-D Stereo Audio Amplifier
7/06-Revision 0
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2 TI-TPA2001D2_06 Datasheet
209Kb / 14P
1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
2 W Filterless Class-D Stereo Audio Amplifier
REV. 0
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
Filterless, Stereo, Class-D Audio Amplifier
2/11-Rev. 0 to Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com