Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL8002-25 Datasheet (PDF) - Texas Instruments

TPL8002-25 Datasheet PDF - Texas Instruments
Part # TPL8002-25
Download  TPL8002-25 Download
File Size   345.56 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TANDEM 64-TAP DIGITAL POTENTIOMETER

TPL8002-25 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPL8002-25 Datasheet PDF - Texas Instruments

Part # TPL8002-25
Download  TPL8002-25 Click to download

File Size   345.56 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TANDEM 64-TAP DIGITAL POTENTIOMETER

TPL8002-25 Datasheet (HTML) - Texas Instruments


TPL8002-25 Product details

1FEATURES
• Adjustable Gain From 23.25 dB to –24 dB
• 64-Tap Positions With 0.75 dB Per Step
• Supports 8-MHz Analog Bandwidth
• Operating Range up to –4-V VEE/+4-V VDD
• 100-μA Maximum Static Supply Current
• ±30% End-to-End Resistance Tolerance
• Absolute Tolerance of ±0.3 dB
• Operating Temperature Range From
–40°C to 85°C
• ESD Performance Tested Per JESD 22
– 2000-V Human-Body Model
(A114-B,Class II)

APPLICATIONS
• Tandem Adjustable Feedback and Gain
Resistors for Operational Amplifers

DESCRIPTION/ORDERING INFORMATION
The TPL8002-25 is a programmable resistor device implementing two digital potentiometers with 64 wiper
positions each that are tandem controlled through a 6-bit parallel interface. The device has fixed wiper
resistances at the respective wiper contacts that tap the potentiometer resistors at a point determined by the
binary code present at its digital inputs.
The resistive wiper tap terminals, RSW, of the TPL8002-25 are typically connected to the inverting inputs (–) of
an external differential path inverting operational amplifier configuration, with the non-inverting inputs (+)
connected through to ground. The application's differential input to the configuration is the device's RG terminals.
The differential output of the external operational amplifiers is connected to the device's RF terminals, and thus
becomes the differential output of the application configuration.
The resistance between the wiper contacts and the end points RG and RF of the TPL8002-25 provides a
logarithmic gain/attenuation response of the configuration. With a digital code of decimal 0 (b000000) the
configuration has an inverting maximum attenuation of –24 dB. With a digital code of decimal 32 (b100000) the
configuration has inverting unity gain of 0.00 dB. With a digital code of decimal 63 (b111111) the configuration
has an inverting maximum gain of +23.25 dB. The response of the configuration with respect to the digital code
varies in fixed steps of 0.75 dB.




Similar Part No. - TPL8002-25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL8002-25 TI-TPL8002-25 Datasheet
144Kb / 10P
TANDEM 64-TAP DIGITAL POTENTIOMETER
TPL8002-25PWR TI-TPL8002-25PWR Datasheet
144Kb / 10P
TANDEM 64-TAP DIGITAL POTENTIOMETER
TPL8002-25 TI-TPL8002-25_15 Datasheet
496Kb / 13P
TANDEM 64-TAP DIGITAL POTENTIOMETER
More results


Similar Description - TPL8002-25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9401 INTERSIL-X9401_06 Datasheet
339Kb / 19P
Quad, 64 Tap, Digitally Controlled Potentiometer
October 12, 2006
logo
Texas Instruments
TPL8002-25 TI-TPL8002-25 Datasheet
144Kb / 10P
TANDEM 64-TAP DIGITAL POTENTIOMETER
logo
ON Semiconductor
CAT5113VI-00 ONSEMI-CAT5113VI-00 Datasheet
204Kb / 13P
100-tap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
logo
Texas Instruments
TPL8002-25 TI-TPL8002-25_15 Datasheet
496Kb / 13P
TANDEM 64-TAP DIGITAL POTENTIOMETER
logo
Intersil Corporation
X9401WS24IZ INTERSIL-X9401WS24IZ Datasheet
403Kb / 20P
Quad, 64 Tap, Digitally Controlled Potentiometer
September 14, 2015
logo
Copal Electronics
DP7111 COPAL-DP7111 Datasheet
184Kb / 12P
100-Tap Digital Potentiometer
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
32-Tap Digital Potentiometer
DP7113 COPAL-DP7113 Datasheet
173Kb / 12P
100-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
32-Tap Digital Potentiometer
DP7115 COPAL-DP7115 Datasheet
178Kb / 12P
32-Tap Digital Potentiometer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com