Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5628CDWR.A Datasheet (PDF) - Texas Instruments

TLV5628CDWR.A Datasheet PDF - Texas Instruments
Part # TLV5628CDWR.A
Download  TLV5628CDWR.A Download
File Size   338.19 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS

TLV5628CDWR.A Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV5628CDWR.A Datasheet PDF - Texas Instruments

Part # TLV5628CDWR.A
Download  TLV5628CDWR.A Click to download

File Size   338.19 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS

TLV5628CDWR.A Datasheet (HTML) - Texas Instruments


TLV5628CDWR.A Product details

Eight 8-Bit Voltage Output DACs
3-V Single Supply Operation
Serial Interface
High-Impedance Reference Inputs
Programmable for 1 or 2 Times Output
Range
Simultaneous Update Facility
Internal Power-On Reset
Low Power Consumption
Half-Buffered Output

applications
Programmable Voltage Sources
Digitally Controlled Amplifiers/Attenuators
Mobile Communications
Automatic Test Equipment
Process Monitoring and Control
Signal Synthesis

description
The TLV5628C and TLV5628I are octal 8-bit voltage output digital-to-analog converters (DACs) with buffered
reference inputs (high impedance). The DACs produce an output voltage that varies between one or two times
the reference voltages and GND, and the DACs are monotonic. The device is simple to use, running from a
single supply of 3 to 3.6 V. A power-on reset function is incorporated to ensure repeatable start-up conditions.
Digital control of the TLV5628C and TLV5628I is over a simple 3-wire serial bus that is CMOS compatible and
easily interfaced to all popular microprocessor and microcontroller devices. The 12-bit command word
comprises 8 bits of data, 3 DAC select bits and a range bit, the latter allowing selection between the times 1
or times 2 output range. The DAC registers are double buffered, allowing a complete set of new values to be
written to the device, then all DAC outputs are updated simultaneously through control of the LDAC terminal.
The digital inputs feature Schmitt triggers for high noise immunity.
The 16-terminal small-outline D package allows digital control of analog functions in space-critical applications.
The TLV5628C is characterized for operation from 0°C to 70°C. The TLV5628I is characterized for operation
from –40°C to 85°C. The TLV5628C and TLV5628I do not require external trimming.




Similar Part No. - TLV5628CDWR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5628CDWR TI1-TLV5628CDWR Datasheet
416Kb / 18P
OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5628CDWRG4 TI1-TLV5628CDWRG4 Datasheet
416Kb / 18P
OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Similar Description - TLV5628CDWR.A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC0800 NSC-DAC0800 Datasheet
344Kb / 11P
8-Bit Digital-to-Analog Converters
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
8-bit digital-to-analog converters
June 1994
logo
Texas Instruments
TLC5628C TI-TLC5628C Datasheet
212Kb / 13P
OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5628C TI-TLV5628C Datasheet
214Kb / 14P
OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
8 BIT DIGITAL TO ANALOG CONVERTERS
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
8-Bit Digital-to-Analog Converters
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
TLC5602C TI-TLC5602C_15 Datasheet
220Kb / 14P
VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5628C TI-TLC5628C_15 Datasheet
383Kb / 17P
OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5628C TI1-TLV5628C_08 Datasheet
416Kb / 18P
OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com