Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1101 Datasheet (PDF) - Texas Instruments

TPS1101 Datasheet PDF - Texas Instruments
Part # TPS1101
Download  TPS1101 Download
File Size   279.47 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS

TPS1101 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS1101 Datasheet PDF - Texas Instruments

Part # TPS1101
Download  TPS1101 Click to download

File Size   279.47 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS

TPS1101 Datasheet (HTML) - Texas Instruments


TPS1101 Product details

Low rDS(on) . . . 0.09 W Typ at VGS = –10 V
3 V Compatible
Requires No External VCC
TTL and CMOS Compatible Inputs
VGS(th) = –1.5 V Max
Available in Ultrathin TSSOP Package (PW)
ESD Protection Up to 2 kV per
MIL-STD-883C, Method 3015

description
The TPS1101 is a single, low-rDS(on), P-channel,
enhancement-mode MOSFET. The device has
been optimized for 3-V or 5-V power distribution
in battery-powered systems by means of the
Texas Instruments LinBiCMOSE process. With a
maximum VGS(th) of –1.5 V and an IDSS of only
0.5 mA, the TPS1101 is the ideal high-side switch
for low-voltage, portable battery-management
systems where maximizing battery life is a primary
concern. The low rDS(on) and excellent ac
characteristics (rise time 5.5 ns typical) of the
TPS1101 make it the logical choice for
low-voltage switching applications such as power
switches for pulse-width-modulated (PWM)
controllers or motor/bridge drivers.
The ultrathin thin shrink small-outline package or
TSSOP (PW) version fits in height-restricted
places where other P-channel MOSFETs cannot.
The size advantage is especially important where
board height restrictions do not allow for an
small-outline integrated circuit (SOIC) package.
Such applications include notebook computers,
personal digital assistants (PDAs), cellular
telephones, and PCMCIA cards. For existing designs, the D-packaged version has a pinout common with other
P-channel MOSFETs in SOIC packages.




Similar Part No. - TPS1101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1101 TI-TPS1101 Datasheet
161Kb / 10P
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1101 TI1-TPS1101 Datasheet
495Kb / 13P
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
TECH PUBLIC Electronics...
TPS1101-D32 TECHPUBLIC-TPS1101-D32 Datasheet
1Mb / 4P
Low Capacitance Bi-directional ESD DIODE
logo
Texas Instruments
TPS1101D TI-TPS1101D Datasheet
161Kb / 10P
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1101D TI1-TPS1101D Datasheet
495Kb / 13P
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results


Similar Description - TPS1101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1100 TI-TPS1100 Datasheet
155Kb / 10P
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1101 TI-TPS1101 Datasheet
161Kb / 10P
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120 TI-TPS1120 Datasheet
180Kb / 12P
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1101 TI1-TPS1101_12 Datasheet
495Kb / 13P
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120 TI1-TPS1120_08 Datasheet
379Kb / 15P
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1100DR TI1-TPS1100DR Datasheet
700Kb / 14P
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Guilin Strong Micro-Ele...
GMS2301 GSME-GMS2301 Datasheet
268Kb / 3P
P-Channel Enhancement-Mode MOSFETs
logo
Dongguan City Niuhang E...
NH3401 NIUHANG-NH3401 Datasheet
2Mb / 3P
P-CHANNEL ENHANCEMENT-MODE MOSFETS
NH2305A NIUHANG-NH2305A Datasheet
3Mb / 9P
P-CHANNEL ENHANCEMENT-MODE MOSFETS
NH2301 NIUHANG-NH2301 Datasheet
3Mb / 8P
P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com