Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3584 Datasheet (PDF) - Infineon Technologies AG

IR3584 Datasheet PDF - Infineon Technologies AG
Part # IR3584
Download  IR3584 Download
File Size   235.31 Kbytes
Page   5 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Dual Output Digital Multi-Phase Controller

IR3584 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3584 Datasheet PDF - Infineon Technologies AG

Part # IR3584
Download  IR3584 Click to download

File Size   235.31 Kbytes
Page   5 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Dual Output Digital Multi-Phase Controller

IR3584 Datasheet (HTML) - Infineon Technologies AG


IR3584 Product details

FEATURES

 Ultra Low Quiescent Power Dual output 4+1 phase
PWM Controller
 Intel®
VR12, VR12.5 & Memory VR modes
 Overclocking & Gaming Modes
 PVI GPU VR mode
 Switching frequency from 194KHz to 2MHz per
phase in 56 steps
 IR Efficiency Shaping Features including Dynamic
Phase Control and Automatic Power State Switching
 Programmable 1-phase or 2-phase operation for
Light Loads and Active Diode Emulation for Very
Light Loads
 IR Adaptive Transient Algorithm (ATA) on both loops
minimizes output bulk capacitors and system cost
 Auto-Phase Detection with PID Coefficient autoscaling
 Fault Protection: OVP, UVP, OCP, OTP, CAT FLT
 I2C/SMBus/PMBus system interface for reporting of
Temperature, Voltage, Current & Power telemetry for
both loops
 Multiple Time Programming (MTP) with integrated
charge pump for easy non-volatile programming
 Compatible with 3.3V tri-state drivers and IR ATL
mode drivers
 +3.3V supply voltage; -40o
C to 85o
C ambient
operation
 Pb-Free, RoHS, 5x5mm 40-pin, 0.4mm pitch QFN

DESCRIPTION

The IR3584 is a dual-loop digital multi-phase buck
controller designed for CPU voltage regulation,
and is fully compliant with Intel®
VR12 and
compliant with VR12.5 Rev 1.3 PWM
specifications.
The IR3584 includes IR’s Efficiency Shaping
Technology to deliver exceptional efficiency at
minimum cost across the entire load range. IR’s
Dynamic Phase Control adds/drops phases based
upon load current. The IR3584 can be configured
to enter 1 or 2-phase operation and active diode
emulation mode automatically or by command.
IR’s unique Adaptive Transient Algorithm (ATA),
based on proprietary non-linear digital PWM
algorithms, minimizes output bulk capacitors.
IR3584 has 127 possible address values for both
the PMBus and I2C bus interfaces. The device
configuration can be easily defined using the IR
Digital Power Design Center (DPDC) GUI, and is
stored in the on-chip Non-Volatile Memory (NVM).
This reduces external components and minimizes
the package size.
The IR3584 provides extensive OVP, UVP, OCP,
OTP & CAT FLT fault protection, and includes
thermistor based temperature sensing or per
phase temperature reporting when using the IR
powIRstage. The controller is designed to work
with either Rdson current sense PowIRstages or
with DCR current sense.
The IR3584 also includes numerous VR design
simplifying and differentiating features, like register
diagnostics, which enable fast time-to-market.

APPLICATIONS
 Intel® VR12 and VR12.5 based systems
 Servers and High End Desktop CPU VRs
 High Performance Graphics Processors




Similar Part No. - IR3584

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3584 IRF-IR3584 Datasheet
235Kb / 5P
Dual Output Digital Multi-Phase Controller
IR3584 IRF-IR3584_15 Datasheet
235Kb / 5P
Dual Output Digital Multi-Phase Controller
More results


Similar Description - IR3584

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3564A IRF-IR3564A Datasheet
392Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3565A IRF-IR3565A Datasheet
358Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3566A IRF-IR3566A Datasheet
379Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3567A IRF-IR3567A Datasheet
363Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3564A IRF-IR3564A_15 Datasheet
419Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3566A IRF-IR3566A_15 Datasheet
413Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3567A IRF-IR3567A_15 Datasheet
399Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3581 IRF-IR3581_15 Datasheet
246Kb / 5P
Dual Output Digital Multi-Phase Controller
IR3584 IRF-IR3584_15 Datasheet
235Kb / 5P
Dual Output Digital Multi-Phase Controller
logo
List of Unclassifed Man...
IR3567B ETC-IR3567B Datasheet
530Kb / 2P
Dual Output Digital Multi-Phase Controller
August 1, 2013 - V1.04
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com