Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT4X Datasheet (PDF) - Sensirion AG Switzerland

SHT4X Datasheet PDF - Sensirion AG Switzerland
Part # SHT4X_V03
Download  SHT4X Download
File Size   676.59 Kbytes
Page   17 Pages
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland
Description 4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor

SHT4X Datasheet (PDF)

Go To PDF Page Download Datasheet
SHT4X Datasheet PDF - Sensirion AG Switzerland

Part # SHT4X_V03
Download  SHT4X Click to download

File Size   676.59 Kbytes
Page   17 Pages
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland
Description 4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor

SHT4X Datasheet (HTML) - Sensirion AG Switzerland


SHT4X Product details

Features
• Relative humidity accuracy: up to ±1.5 %RH
• Temperature accuracy: up to ±0.1 °C
• Supply voltage: 1.08 V … 3.6 V
• Average current: 0.4 μA (at meas. rate 1 Hz)
• Idle current: 80 nA
• I2C fast mode plus, CRC checksum
• Operating range: 0…100 %RH, -40…125 °C
• Fully functional in condensing environment
• Variable power heater
• NIST traceability
• JEDEC JESD47 qualification
• Mature technology from global market leader

General Description
SHT4x is a digital sensor platform for measuring relative humidity and temperature at different accuracy classes. The I2C interface provides several preconfigured I2C addresses and maintains an ultra-low power budget. The power-trimmed internal heater can be used at three heating levels thus enabling sensor operation in demanding environments. The four-pin dual-flat-no-leads package is suitable for surface mount technology (SMT) processing.




Similar Part No. - SHT4X_V03

ManufacturerPart #DatasheetDescription
logo
Sensirion AG Switzerlan...
SHT4X SENSIRION-SHT4X_V01 Datasheet
1Mb / 16P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor Platform
Version 1 - October 2020
SHT4X SENSIRION-SHT4X_V02 Datasheet
850Kb / 22P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
Version 4 - November 2022
SHT4X SENSIRION-SHT4X_V04 Datasheet
920Kb / 24P
4th Gen. Relative Humidity and Temperature Sensor
Version 7.1 - March 2025
More results


Similar Description - SHT4X_V03

ManufacturerPart #DatasheetDescription
logo
Humirel
HTS2010SMD HUMIREL-HTS2010SMD Datasheet
573Kb / 4P
TEMPERATURE AND RELATIVE HUMIDITY SENSOR
HTS2030SMD HUMIREL-HTS2030SMD Datasheet
360Kb / 4P
TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
Sensirion AG Switzerlan...
SHT4X SENSIRION-SHT4X Datasheet
781Kb / 18P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
Version 3 - April 2022
SHT4XA SENSIRION-SHT4XA Datasheet
832Kb / 18P
4th Generation, High-Accuracy, 16-bit, Automotive-Grade Relative Humidity and Temperature Sensor
Version 2 - July 2022
SHT4XI SENSIRION-SHT4XI Datasheet
623Kb / 15P
4th Generation, High-Accuracy, 16-bit, Industrial-Grade, Relative Humidity and Temperature Sensor
Version 1 - November 2021
STS4X SENSIRION-STS4X Datasheet
537Kb / 14P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Temperature Sensor Platform
Version 1.1 - July 2022
SHT4XI-DIGITAL SENSIRION-SHT4XI-DIGITAL Datasheet
864Kb / 19P
4th Generation, High-Accuracy, 16-bit, Industrial-Grade, Relative Humidity and Temperature Sensor
Version 2 - November 2022
SHT4X SENSIRION-SHT4X_V01 Datasheet
1Mb / 16P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor Platform
Version 1 - October 2020
SHT4X SENSIRION-SHT4X_V02 Datasheet
850Kb / 22P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
Version 4 - November 2022
SHT33-DIS SENSIRION-SHT33-DIS Datasheet
853Kb / 26P
3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
Version 1 - December 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com