Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0ALFBK700-BA Datasheet (PDF) - Bel Fuse Inc.

0ALFBK700-BA Datasheet PDF - Bel Fuse Inc.
Part # 0ALFBK700-BA
Download  0ALFBK700-BA Download
File Size   459.39 Kbytes
Page   3 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 800VDC rated Square Body fuse, designed for EV/HV

0ALFBK700-BA Datasheet (PDF)

Go To PDF Page Download Datasheet
0ALFBK700-BA Datasheet PDF - Bel Fuse Inc.

Part # 0ALFBK700-BA
Download  0ALFBK700-BA Click to download

File Size   459.39 Kbytes
Page   3 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 800VDC rated Square Body fuse, designed for EV/HV

0ALFBK700-BA Datasheet (HTML) - Bel Fuse Inc.


0ALFBK700-BA Product details

Features
- 800Vdc ideal for EV/HV application
- Excellent DC performance
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863

Applications
EV/HV Applications




Similar Part No. - 0ALFBK700-BA

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ALA BEL-0ALA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
0ALA BEL-0ALA Datasheet
387Kb / 3P
Fast Acting fuse for DC Application
May2024
0ALABK150-BA BEL-0ALABK150-BA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
0ALABK160-BA BEL-0ALABK160-BA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
0ALABK200-BA BEL-0ALABK200-BA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
More results


Similar Description - 0ALFBK700-BA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA070URD31LI350 LITTELFUSE-LA070URD31LI350 Datasheet
402Kb / 5P
Square Body Semiconductor Fuses
0997002 LITTELFUSE-0997002 Datasheet
195Kb / 2P
MINI짰 Blade Fuse Fuse Rated 58V
logo
Cooper Bussmann, Inc.
170H0235 COOPER-170H0235 Datasheet
47Kb / 1P
Square Body Accessories
logo
Littelfuse
216 LITTELFUSE-216 Datasheet
1Mb / 4P
5횞20mm fast-acting ceramic body cartridge fuse designed to IEC specification
216SP LITTELFUSE-216SP Datasheet
894Kb / 3P
5횞20mm fast-acting ceramic body cartridge fuse Designed to IEC specification
217 LITTELFUSE-217 Datasheet
995Kb / 4P
5횞20mm fast-acting glass body cartridge fuse designed to IEC specification
219XA LITTELFUSE-219XA Datasheet
803Kb / 4P
5횞20mm time-Lag glass body cartridge fuse designed to IEC specification
17757010001 LITTELFUSE-17757010001 Datasheet
231Kb / 2P
FUSE BASE FOR FUSE STRIPS RATED 80V FOR SINGLE
EV1K LITTELFUSE-EV1K Datasheet
704Kb / 4P
Littelfuse EV Fuse EV1K SERIES
Rev: 092321
logo
Bel Fuse Inc.
0AKS BEL-0AKS Datasheet
352Kb / 3P
500VDC Fuse for EV/HEV
Rev. 0AKS Feb2021
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com