Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF40C Datasheet (PDF) - Hirose Electric

DF40C Datasheet PDF - Hirose Electric
Part # DF40C
Download  DF40C Download
File Size   1169.97 Kbytes
Page   25 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector

DF40C Datasheet (PDF)

Go To PDF Page Download Datasheet
DF40C Datasheet PDF - Hirose Electric

Part # DF40C
Download  DF40C Click to download

File Size   1169.97 Kbytes
Page   25 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector

DF40C Datasheet (HTML) - Hirose Electric


DF40C Product details

Features
1. High Density Mounting
This is a space-saving design that minimizes
connector depth while ensuring an vacuum pick
& place area that does not affect mountability
The smallest depth in it's class : 3.38mm

2. Wide Stacking Height
Variations
A wide variety of height variations, 1.5, 2.0, 2.5,
3.0, 3.5, 4.0mm with the space-saving design

3. High Contact Reliability
0.45mm of world's largest effective mating length
for 1.5mm mated height.
It has a good click feeling which is effective for
preventing incomplete mating, and lock design is
installed for small No. of pos. with weak mating
force to prevent disconnection.

4. Robust Design with Shock
Absorbing Ribs
Ribs provided on both connectors fit in when
mated to absorb stress at impact.

5. Wide Self Alignment Range
Guide ribs utilizing dead space ensure 0.33mm in
single X and Y directions.

6. Supports USB4 Gen.2
(20Gbps) transmission
Only H=1.5mm type is compatible with Type-C
signal transmission.

7. Solder Wicking Prevention
The receptacle has a nickel barrier and the plug
has the insert molded design to prevent soldering.

8. Mated Design Protects
Contacts
Both connectors contact parts are walled to
prevent splashes such as flux from adhering to
the contacts.

9. Compliant with RoHS
In consideration of environmental issues, we do
not use substances prohibited by RoHS Directive.

10. High-Speed Signal Support,
Noise Prevention
We also have a shielded type that can support
high-speed signal and prevent noise.




Similar Part No. - DF40C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF40C-100DP-0.4V HIROSE-DF40C-100DP-0.4V Datasheet
1Mb / 25P
0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
Mar.1.2024
DF40C-100DP-0.4V51 HIROSE-DF40C-100DP-0.4V51 Datasheet
1Mb / 25P
0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
Mar.1.2024
DF40C-100DP-0.4V58 HIROSE-DF40C-100DP-0.4V58 Datasheet
1Mb / 25P
0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
Mar.1.2024
DF40C-100DS-0.4V HIROSE-DF40C-100DS-0.4V Datasheet
1Mb / 16P
0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF40C-100DS-0.4V HIROSE-DF40C-100DS-0.4V Datasheet
1Mb / 25P
0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
Mar.1.2024
More results


Similar Description - DF40C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
logo
Japan Aviation Electron...
AA07 JAE-AA07 Datasheet
449Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
WP7 JAE-WP7 Datasheet
433Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP7A-S030VA1 JAE-WP7A-S030VA1 Datasheet
433Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
logo
Hirose Electric
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Japan Aviation Electron...
WA6 JAE-WA6 Datasheet
336Kb / 5P
0.4mm pitch Board to Board connector
WP6 JAE-WP6 Datasheet
883Kb / 8P
0.4mm Pitch, Stacking Type Board-to-Board Connector
WP6C JAE-WP6C Datasheet
406Kb / 5P
0.4mm Pitch, Stacking Type Board-to-board Connector
WP9 JAE-WP9 Datasheet
676Kb / 6P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
logo
JST Mfg. Co., Ltd.
JAZN JST-JAZN Datasheet
229Kb / 2P
0.4mm pitch/ Board-to-board connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com