Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ALVC7814 Datasheet (PDF) - Texas Instruments

SN74ALVC7814 Datasheet PDF - Texas Instruments
Part # SN74ALVC7814
Download  SN74ALVC7814 Download
File Size   280.87 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 64 × 18 LOW-POWER FIRST-IN, FIRST-OUT MEMORY

SN74ALVC7814 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ALVC7814 Datasheet PDF - Texas Instruments

Part # SN74ALVC7814
Download  SN74ALVC7814 Click to download

File Size   280.87 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 64 × 18 LOW-POWER FIRST-IN, FIRST-OUT MEMORY

SN74ALVC7814 Datasheet (HTML) - Texas Instruments


SN74ALVC7814 Product details

Member of the Texas Instruments
WidebusE Family
Low-Power Advanced CMOS Technology
Operates From 3-V to 3.6-V VCC
Load Clock and Unload Clock Can Be
Asynchronous or Coincident
Full, Empty, and Half-Full Flags
Programmable Almost-Full/Almost-Empty
Flag
Fast Access Times of 18 ns With a 50-pF
Load and All Data Outputs Switching
Simultaneously
Data Rates up to 40 MHz
3-State Outputs
Pin-to-Pin Compatible With SN74ACT7804,
SN74ACT7806, and SN74ACT7814
Packaged in Shrink Small-Outline 300-mil
Package Using 25-mil Center-to-Center
Spacing

description
A FIFO memory is a storage device that allows
data to be written into and read from its array at
independent data rates. The SN74ALVC7814 is
an 18-bit FIFO with high speed and fast access
times. Data is processed at rates up to 40 MHz
with access times of 18 ns in a bit-parallel format.
These memories are designed for 3-V to 3.6-V
VCC operation.
Data is written into memory on a low-to-high
transition of the load clock (LDCK) and is read out
on a low-to-high transition of the unload clock
(UNCK). The memory is full when the number of
words clocked in exceeds the number of words
clocked out by 64. When the memory is full, LDCK
has no effect on the data residing in memory.
When the memory is empty, UNCK has no effect.
Status of the FIFO memory is monitored by the full (FULL), empty (EMPTY), half-full (HF), and almostfull/
almost-empty (AF/AE) flags. The FULL output is low when the memory is full and high when the memory
is not full. The EMPTY output is low when the memory is empty and high when it is not empty. The HF output
is high whenever the FIFO contains 32 or more words and low when it contains 31 or fewer words. The AF/AE
status flag is a programmable flag. The first one or two low-to-high transitions of LDCK after reset are used to
program the almost-empty offset value (X) and the almost-full offset value (Y) if program enable (PEN) is low.
The AF/AE flag is high when the FIFO contains X or fewer words or (64 – Y) or more words. The AF/AE flag
is low when the FIFO contains between (X + 1) and (63 – Y) words.




Similar Part No. - SN74ALVC7814

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC7814 TI-SN74ALVC7814 Datasheet
149Kb / 11P
64 횞 18 LOW-POWER FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7814 TI-SN74ALVC7814 Datasheet
185Kb / 13P
LOW-POWER FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7814-25DL TI-SN74ALVC7814-25DL Datasheet
185Kb / 13P
LOW-POWER FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7814-25DLR TI-SN74ALVC7814-25DLR Datasheet
185Kb / 13P
LOW-POWER FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7814-40DL TI-SN74ALVC7814-40DL Datasheet
185Kb / 13P
LOW-POWER FIRST-IN, FIRST-OUT MEMORY
More results


Similar Description - SN74ALVC7814

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT7813 TI-SN74ACT7813 Datasheet
194Kb / 14P
64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7814 TI-SN74ACT7814 Datasheet
146Kb / 11P
64 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7806 TI-SN74ALVC7806 Datasheet
138Kb / 10P
256 횞 18 LOW-POWER FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7813 TI-SN74ALVC7813 Datasheet
192Kb / 14P
64 횞 18 LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7814 TI-SN74ALVC7814 Datasheet
149Kb / 11P
64 횞 18 LOW-POWER FIRST-IN, FIRST-OUT MEMORY
logo
Fairchild Semiconductor
74ACT2708 FAIRCHILD-74ACT2708 Datasheet
95Kb / 13P
64 x 9 First-In, First-Out Memory
logo
Texas Instruments
SN74ALVC7814 TI-SN74ALVC7814_06 Datasheet
185Kb / 13P
LOW-POWER FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813_06 Datasheet
231Kb / 16P
64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813-40DLR TI-SN74ACT7813-40DLR Datasheet
396Kb / 18P
64 x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7814-40DL TI1-SN74ACT7814-40DL Datasheet
525Kb / 16P
64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com