Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AS874 Datasheet (PDF) - Texas Instruments

SN74AS874 Datasheet PDF - Texas Instruments
Part # SN74AS874
Download  SN74AS874 Download
File Size   336.6 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS

SN74AS874 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AS874 Datasheet PDF - Texas Instruments

Part # SN74AS874
Download  SN74AS874 Click to download

File Size   336.6 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS

SN74AS874 Datasheet (HTML) - Texas Instruments


SN74AS874 Product details

• 3-State Buffer-Type Outputs Drive Bus
Lines Directly
• Bus-Structured Pinout
• Choice of True or Inverting Logic
− SN54ALS874B, SN74ALS874B,
SN74AS874 Have True Outputs
− SN74ALS876A, SN74AS876 Have
Inverting Outputs
• Asynchronous Clear
• Package Options Include Plastic
Small-Outline (DW) Packages, Plastic (FN)
and Ceramic (FK) Chip Carriers, and
Standard Plastic (NT) and Ceramic (JT)
300-mil DIPs

description
These dual 4-bit D-type edge-triggered flip-flops
feature 3-state outputs designed specifically as
bus drivers. They are particularly suitable for
implementing buffer registers, I/O ports,
bidirectional bus drivers, and working registers.
The edge-triggered flip-flops enter data on the
low-to-high transition of the clock (CLK) input.
The SN54ALS874B, SN74ALS874B, and
SN74AS874 have clear (CLR) inputs and
noninverting Q outputs. The SN74ALS876A and
SN74AS876 have preset (PRE) inputs and
inverting Q outputs; taking PRE low causes the
four Q or Q outputs to go low independently of the
clock.
The SN54ALS874B is characterized for operation
over the full military temperature range of −55°C
to 125°C. The SN74ALS874B, SN74ALS876A,
SN74AS874, and SN74AS876 devices are
characterized for operation from 0°C to 70°C.




Similar Part No. - SN74AS874

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS874 TI-SN74AS874 Datasheet
143Kb / 9P
DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN74AS874 TI-SN74AS874 Datasheet
552Kb / 20P
DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN74AS874 TI-SN74AS874 Datasheet
582Kb / 20P
DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN74AS874DW TI-SN74AS874DW Datasheet
143Kb / 9P
DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN74AS874DW TI-SN74AS874DW Datasheet
552Kb / 20P
DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
More results


Similar Description - SN74AS874

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS874B TI-SN54ALS874B Datasheet
143Kb / 9P
DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN54LV74 TI-SN54LV74 Datasheet
137Kb / 7P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54LV74A TI-SN54LV74A Datasheet
444Kb / 16P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54ALS874B TI-SN54ALS874B_07 Datasheet
552Kb / 20P
DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN54ALS874B TI-SN54ALS874B_08 Datasheet
582Kb / 20P
DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN74LV74A-EP TI1-SN74LV74A-EP Datasheet
506Kb / 14P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Potato Semiconductor Co...
PO74G74A POTATO-PO74G74A_14 Datasheet
1Mb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54HC74 TI1-SN54HC74_15 Datasheet
164Kb / 15P
Dual D-Type Positive-Edge-Triggered Flip-Flops
SN54AC74 TI1-SN54AC74_15 Datasheet
1Mb / 22P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54LV74 TI1-SN54LV74_10 Datasheet
148Kb / 8P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com