Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AS298AD.A Datasheet (PDF) - Texas Instruments

SN74AS298AD.A Datasheet PDF - Texas Instruments
Part # SN74AS298AD.A
Download  SN74AS298AD.A Download
File Size   321.4 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE 2-INPUT MULTIPLEXER WITH STORAGE

SN74AS298AD.A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AS298AD.A Datasheet PDF - Texas Instruments

Part # SN74AS298AD.A
Download  SN74AS298AD.A Click to download

File Size   321.4 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE 2-INPUT MULTIPLEXER WITH STORAGE

SN74AS298AD.A Datasheet (HTML) - Texas Instruments


SN74AS298AD.A Product details

• Selects One of Two 4-Bit Data Sources and
Synchronously Stores Data With System
Clock
• Applications:
− Dual Source for Operands and Constants
in Arithmetic Processor; Can Release
Processor Register Files for Acquiring
New Data
− Implements Separate Registers Capable
of Parallel Exchange of Contents, Yet
Retains External Load Capability
− Has Universal-Type Register for
Implementing Various Shift Patterns,
Including Compound Left-Right
Capability
• Package Options Include Plastic
Small-Outline (D) Packages and Standard
Plastic (N) 300-mil DIPs

description
The SN74AS298A is a quadruple 2-input multiplexer with storage that provides essentially the equivalent
functional capabilities of two separate MSI functions (SN74AS157 and ′AS175A) in a 16-pin package.
When the word-select (WS) input is low, word 1 (A1, B1, C1, D1) is applied to the flip-flops. A high input to WS
causes the selection of word 2 (A2, B2, C2, D2). The selected word is clocked to the output terminals on the
negative-going edge of the clock pulse.
The SN74AS298A is characterized for operation from 0°C to 70°C.




Similar Part No. - SN74AS298AD.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS298AD TI-SN74AS298AD Datasheet
109Kb / 7P
QUADRUPLE 2-INPUT MULTIPLEXER WITH STORAGE
More results


Similar Description - SN74AS298AD.A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS298 MOTOROLA-SN54LS298 Datasheet
187Kb / 6P
QUAD 2-INPUT MULTIPLEXER WITH STORAGE
logo
NXP Semiconductors
74F298 PHILIPS-74F298 Datasheet
78Kb / 8P
Quad 2-input multiplexer with storage
1989 Aug 14
HEF4019B PHILIPS-HEF4019B Datasheet
40Kb / 4P
Quadruple 2-input multiplexer
January 1995
HEF4519B PHILIPS-HEF4519B Datasheet
41Kb / 4P
Quadruple 2-input multiplexer
January 1995
logo
Texas Instruments
SN54298 TI-SN54298 Datasheet
483Kb / 13P
QUADRUPLE 2-INPUT MULTIPLEXERS WITH STORAGE
SN54LS399 TI-SN54LS399 Datasheet
144Kb / 12P
QUADRUPLE 2-INPUT MULTIPLEXERS WITH STORAGE
SN74AS298A TI-SN74AS298A Datasheet
109Kb / 7P
QUADRUPLE 2-INPUT MULTIPLEXER WITH STORAGE
logo
Hitachi Semiconductor
HD74AC298 HITACHI-HD74AC298 Datasheet
58Kb / 10P
Quad 2-Input Multiplexer with Storage
HD74LS298 HITACHI-HD74LS298 Datasheet
64Kb / 6P
Quadruple 2-input Multiplexers(with storage)
logo
Texas Instruments
SN54LS399 TI-SN54LS399_07 Datasheet
942Kb / 21P
QUADRUPLE 2-INPUT MULTIPLEXERS WITH STORAGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com