Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74GTLP817DGVR Datasheet (PDF) - Texas Instruments

SN74GTLP817DGVR Datasheet PDF - Texas Instruments
Part # SN74GTLP817DGVR
Download  SN74GTLP817DGVR Download
File Size   325.03 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER

SN74GTLP817DGVR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74GTLP817DGVR Datasheet PDF - Texas Instruments

Part # SN74GTLP817DGVR
Download  SN74GTLP817DGVR Click to download

File Size   325.03 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER

SN74GTLP817DGVR Datasheet (HTML) - Texas Instruments


SN74GTLP817DGVR Product details

FEATURES
· OEC™ Circuitry Improves Signal Integrity and
Reduces Electromagnetic Interference
· Bidirectional Interface Between GTLP Signal
Levels and LVTTL Logic Levels
· GTLP-to-LVTTL 1-to-6 Fanout Driver
· LVTTL-to-GTLP 1-to-2 Fanout Driver
· LVTTL Interfaces Are 5-V Tolerant
· Medium-Drive GTLP Outputs (50 mA)
· Reduced-Drive LVTTL Outputs
(–12 mA/12 mA)
· Variable Edge-Rate Control (ERC) Input
Selects GTLP Rise and Fall Times for Optimal
Data-Transfer Rate and Signal Integrity in
Distributed Loads
· Ioff and Power-Up 3-State Support Hot
Insertion
· Distributed VCC and GND Pins Minimize
High-Speed Switching Noise
· Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
· ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

DESCRIPTION/ORDERING INFORMATION
The SN74GTLP817 is a medium-drive fanout driver that provides LVTTL-to-GTLP and GTLP-to-LVTTL
signal-level translation. The device provides a high-speed interface between cards operating at LVTTL logic
levels and a backplane operating at GTLP signal levels. High-speed (about three times faster than standard TTL
or LVTTL) backplane operation is a direct result of GTLP reduced output swing (<1 V), reduced input threshold
levels, improved differential input, and OEC™ circuitry. The improved GTLP OEC circuitry minimizes bus settling
time and has been designed and tested using several backplane models. The medium drive allows incident-wave
switching in heavily loaded backplanes with equivalent load impedance down to 19 W. BO1 and BO2 can be tied
together to drive an equivalent load impedance down to 11 W.
GTLP is the Texas Instruments (TI™) derivative of the Gunning Transceiver Logic (GTL) JEDEC standard
JESD 8-3. The ac specification of the SN74GTLP817 is given only at the preferred higher noise-margin GTLP,
but the user has the flexibility of using this device at either GTL (VTT = 1.2 V and VREF = 0.8 V) or GTLP
(VTT = 1.5 V and VREF = 1 V) signal levels.
Normally, the B port operates at GTLP signal levels. The A-port and control inputs operate at LVTTL logic levels,
but are 5-V tolerant and are compatible with TTL and 5-V CMOS inputs. VREF is the B-port differential input
reference voltage.
GNDT is the TTL output ground, while GNDG is the GTLP output ground, and both may be separated from each
other for a quieter device.
This device is fully specified for hot-insertion applications using Ioff and power-up 3-state. The Ioff circuitry
disables the outputs, preventing damaging current backflow through the device when it is powered down. The
power-up 3-state circuitry places the outputs in the high-impedance state during power up and power down,
which prevents driver conflict.
This device features adjustable edge-rate control (ERC). Changing the ERC input voltage between GND and VCC
adjusts the B-port output rise and fall times. This allows the designer to optimize system data-transfer rate and
signal integrity to the backplane load. ERC automatically is selected to the same speed as alternate source
1-to-6 fanout drivers that use pin 18 for 3.3-V or 5-V VCC.
When VCC is between 0 and 1.5 V, the device is in the high-impedance state during power up or power down.
However, to ensure the high-impedance state above 1.5 V, the output-enable (OE) input should be tied to VCC
through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the
driver.




Similar Part No. - SN74GTLP817DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLP817DGVR TI-SN74GTLP817DGVR Datasheet
287Kb / 19P
GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
SN74GTLP817DGVRE4 TI-SN74GTLP817DGVRE4 Datasheet
287Kb / 19P
GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
More results


Similar Description - SN74GTLP817DGVR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GTLP6C816 FAIRCHILD-GTLP6C816 Datasheet
46Kb / 7P
GTLP-to-TTL 1:6 Clock Driver
GTLP6C816A FAIRCHILD-GTLP6C816A Datasheet
52Kb / 7P
LVTTL-to-GTLP Clock Driver
GTLP6C817 FAIRCHILD-GTLP6C817 Datasheet
50Kb / 7P
Low Drive GTLP-to-LVTTL 1:6 Clock Driver
logo
Texas Instruments
SN74GTLP817 TI-SN74GTLP817 Datasheet
238Kb / 15P
GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
SN74GTLP817 TI-SN74GTLP817_07 Datasheet
287Kb / 19P
GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
logo
Integrated Device Techn...
ICS83905 IDT-ICS83905_07 Datasheet
447Kb / 19P
LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83905 IDT-ICS83905_08 Datasheet
965Kb / 21P
Low Skew, 1:6 Crystal-to- LVCMOS/LVTTL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0206T PERICOM-PI6C49X0206T Datasheet
1,020Kb / 8P
Low Skew, 1-To-6 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
83905 IDT-83905 Datasheet
493Kb / 21P
Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
logo
Renesas Technology Corp
83905 RENESAS-83905 Datasheet
691Kb / 22P
Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
September 27, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com