Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54HCT623 Datasheet (PDF) - Texas Instruments

SN54HCT623 Datasheet PDF - Texas Instruments
Part # SN54HCT623
Download  SN54HCT623 Download
File Size   273.37 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS

SN54HCT623 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54HCT623 Datasheet PDF - Texas Instruments

Part # SN54HCT623
Download  SN54HCT623 Click to download

File Size   273.37 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS

SN54HCT623 Datasheet (HTML) - Texas Instruments


SN54HCT623 Product details

Operating Voltage Range of 4.5 V to 5.5 V
Low Power Consumption, 80-μA Max ICC
Typical tpd = 11 ns
±6-mA Output Drive at 5 V
Low Input Current of 1 μA Max
Inputs Are TTL-Voltage Compatible
Lock Bus-Latch Capability
True Logic
High-Current 3-State Outputs Can Drive Up
To 15 LSTTL Loads

description/ordering information
These octal bus transceivers are designed for asynchronous two-way communication between data buses. The
control-function implementation allows for maximum flexibility in timing.
The ’HCT623 devices allow data transmission from the A bus to the B bus or from the B bus to the A bus,
depending upon the logic levels at the output-enable (OEAB and OEBA) inputs.
The output-enable inputs disable the device so that the buses are effectively isolated. The dual-enable
configuration gives the transceivers the capability to store data by simultaneously enabling OEAB and OEBA.
Each output reinforces its input in this transceiver configuration. When both OEAB and OEBA are enabled and
all other data sources to the two sets of bus lines are in the high-impedance state, both sets of bus lines (16 total)
remain at their last states. The 8-bit codes appearing on the two sets of buses are identical.
To ensure the high-impedance state during power up or power down, OEBA should be tied to VCC through a
pullup resistor and OEAB should be tied to GND through a pulldown resistor; the minimum value of the resistor
is determined by the current-sinking/current-sourcing capability of the driver.




Similar Part No. - SN54HCT623

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT623 TI-SN54HCT623 Datasheet
110Kb / 6P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54HCT623 TI-SN54HCT623 Datasheet
149Kb / 8P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54HCT623 TI1-SN54HCT623 Datasheet
528Kb / 12P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54HCT623FK TI-SN54HCT623FK Datasheet
110Kb / 6P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54HCT623J TI-SN54HCT623J Datasheet
110Kb / 6P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - SN54HCT623

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
Octal Bus Transceivers With 3 State Outputs
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54BCT25245 TI-SN54BCT25245_08 Datasheet
100Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HC640 RENESAS-HD74HC640 Datasheet
139Kb / 11P
Octal Bus Transceivers (with 3-state outputs)
HD74HC245 RENESAS-HD74HC245_1 Datasheet
108Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54ABT620 TI-SN54ABT620_08 Datasheet
315Kb / 11P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74HC640 UTC-U74HC640 Datasheet
208Kb / 7P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com