Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

462W-KT Datasheet (PDF) - Sealevel Systems, Inc.

462W-KT Datasheet PDF - Sealevel Systems, Inc.
Part # 462W-KT
Download  462W-KT Download
File Size   287.68 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Wi-Fi 802.11b/g Modbus TCP to 96 Channel TTL Digital Interface Kit - 462W (2) CA237 Cables

462W-KT Datasheet (PDF)

Go To PDF Page Download Datasheet
462W-KT Datasheet PDF - Sealevel Systems, Inc.

Part # 462W-KT
Download  462W-KT Click to download

File Size   287.68 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Wi-Fi 802.11b/g Modbus TCP to 96 Channel TTL Digital Interface Kit - 462W (2) CA237 Cables

462W-KT Datasheet (HTML) - Sealevel Systems, Inc.


462W-KT Product details

Features
• Complies with 802.11g and 802.11b (2.4GHz) networking standards
• Wireless security supports WEP, WPA-TKIP, and WPA2-AES encryption
standards
• 96 channels of buffered TTL I/O via two DB-78 female connectors
• Each 8-bit port individually configurable as input or output
• Includes two 6′ cables, part number CA237, each with a DB-78 Male
connector to dual 50-pin ribbon connectors
• Easily connects to industry-standard solid-state relay racks with 50-pin
connectors
• Status indicator LEDs for Communication, Fault, and Power
• Input power via terminal block or modular connector
• DIN rail or table mount
• Sealevel SeaMAX software supports Microsoft Windows and Linux
operating systems




Similar Part No. - 462W-KT

ManufacturerPart #DatasheetDescription
logo
Sealevel Systems, Inc.
462W SEALEVEL-462W Datasheet
286Kb / 2P
Wi-Fi 802.11b/g Modbus TCP to 96 Channel TTL Digital Interface
More results


Similar Description - 462W-KT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
TWR-ZGWIFI FREESCALE-TWR-ZGWIFI Datasheet
847Kb / 1P
Tower System 802.11b Wi-Fi Module
logo
Texas Instruments
CC3000MOD TI-CC3000MOD Datasheet
643Kb / 16P
TI SimpleLink CC3000 Module . Wi-Fi 802.11b/g Network Processor
logo
DB Lectro Inc
PS110W DBLECTRO-PS110W Datasheet
468Kb / 2P
Connects legacy serial devices to 802.11b/g Wi-Fi or 10/100Base-T
logo
STMicroelectronics
SPWF01SA STMICROELECTRONICS-SPWF01SA Datasheet
652Kb / 16P
Serial-to-Wi-Fi b/g/n intelligent modules
11-Nov-2015
logo
Texas Instruments
CC3000 TI1-CC3000_16 Datasheet
1Mb / 19P
Module ??Wi-Fi 802.11b/g Network Processor
logo
PHOENIX CONTACT
2702765 PHOENIX-2702765 Datasheet
81Kb / 5P
The GW MODBUS TCP/RTU... gateway converts serial based Modbus RTU (or ASCII) to Modbus TCP
logo
Telit loT Solutions
WE866A1-P TELIT-WE866A1-P Datasheet
656Kb / 2P
Wi-Fi IEEE 802.11b/g/n Embedded
logo
Weidmuller
1504460000 WEIDMULLER-1504460000 Datasheet
232Kb / 4P
Modbus TCP/Modbus Seriell Gateway
logo
IOGEAR
GPLWEKIT4 IOGEAR-GPLWEKIT4 Datasheet
165Kb / 3P
Whole-Home Powerline Wi-Fi Kit
logo
NHP Electrical Engineer...
PLX31-MBTCP-MBS NHP-PLX31-MBTCP-MBS Datasheet
590Kb / 1P
PROSOFT GATEWAY MODBUS TCP TO MODBUS SERIAL
12 May 2023,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com