Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC2398A Datasheet (PDF) - Analog Devices

DC2398A Datasheet PDF - Analog Devices
Part # DC2398A
Download  DC2398A Download
File Size   2807.83 Kbytes
Page   39 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36 V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25 pA Input Bias Current

DC2398A Datasheet (PDF)

Go To PDF Page Download Datasheet
DC2398A Datasheet PDF - Analog Devices

Part # DC2398A
Download  DC2398A Click to download

File Size   2807.83 Kbytes
Page   39 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36 V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25 pA Input Bias Current

DC2398A Datasheet (HTML) - Analog Devices


DC2398A Product details

FEATURES
► Pin-Programmable Gains:
► G = 0.25, 0.5, 1, 2, 4, 8, 16 V/V + Shutdown
► Fully Differential Outputs
► Gain Error: 0.015% (Max)
► Gain Error Drift: 1 ppm/°C (Max)
► CMRR: 103 dB (Min), G = 16
► Input Bias Current: 25 pA (Max)
► Input Offset Voltage: 92 μV (Max), G = 16
► Input Offset Voltage Drift: 1.7 μV/°C (Max), G = 16
► –3 dB Bandwidth: 4 MHz, G = 16
► Input Noise Density: 8 nV/√Hz, G = 16
► Slew Rate: 12 V/μs, G = 16
► Adjustable Output Common Mode Voltage
► Quiescent Supply Current: 4.4 mA
► Supply Voltage Range: ±4.5 V to ±18 V
► –40°C to +105°C Specified Temperature Range
► Small 12-Lead 4 mm × 4 mm DFN (LFCSP) Package

APPLICATIONS
► Data Acquisition Systems
► Biomedical Instrumentation
► Test and Measurement Equipment
► Differential ADC Drivers
► Single-Ended-to-Differential Conversion
► Multiplexed Applications




Similar Part No. - DC2398A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DC2391A AD-DC2391A Datasheet
523Kb / 6P
700MHz to 6000MHz LOW POWER I/Q MODULATOR
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
the starter kit for demonstrating the performance and ease of use of the LTC짰2984
More results


Similar Description - DC2398A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
Programmable Gain Instrumentation Amplifier
REV.D
logo
Texas Instruments
PGA870 TI-PGA870 Datasheet
1Mb / 24P
High-Speed, Fully Differential, Programmable-Gain Amplifier
PGA870 TI-PGA870_10 Datasheet
1Mb / 26P
High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
National Semiconductor ...
PGA870 NSC-PGA870 Datasheet
2Mb / 39P
High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
Analog Devices
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. C
AD8253 AD-AD8253_15 Datasheet
422Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. B
logo
Texas Instruments
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
LTC6373 AD-LTC6373 Datasheet
3Mb / 34P
36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
logo
Texas Instruments
PGA855 TI-PGA855 Datasheet
2Mb / 28P
PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
APRIL 2023
PGA855 TI-PGA855_V01 Datasheet
3Mb / 42P
PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
REVISED SEPTEMBER 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com