Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4650-2 Datasheet (PDF) - Analog Devices

LTM4650-2 Datasheet PDF - Analog Devices
Part # LTM4650-2
Download  LTM4650-2 Download
File Size   2250.14 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning

LTM4650-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM4650-2 Datasheet PDF - Analog Devices

Part # LTM4650-2
Download  LTM4650-2 Click to download

File Size   2250.14 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning

LTM4650-2 Datasheet (HTML) - Analog Devices


LTM4650-2 Product details

FEATURES
n Dual 25A or Single 50A Output
n 4.5V to 15V Input, 0.6V to 1.8V Output Voltage Range
n ±1.5% Maximum Total DC Output Error Over
Line and Load
n Differential Remote Sense Amplifier
n Current Mode Control/Fast Transient Response
n Current Sharing Up to 300A
n AVP (Active Voltage Positioning) Compatible
n 16mm × 16mm × 5.01mm BGA Package

APPLICATIONS
n FPGA, ASIC, μProcessor Core Voltage Regulation
n Information, Communication Systems




Similar Part No. - LTM4650-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4650-2 AD-LTM4650-2 Datasheet
2Mb / 36P
Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
Rev. 0
More results


Similar Description - LTM4650-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4650 LINER-LTM4650 Datasheet
720Kb / 34P
Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650-1 LINER-LTM4650-1 Datasheet
662Kb / 36P
Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
LTM4650A LINER-LTM4650A Datasheet
2Mb / 38P
Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
LTM4650A-1 LINER-LTM4650A-1 Datasheet
1Mb / 36P
Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
LTM4650AEY LINER-LTM4650AEY Datasheet
1Mb / 12P
Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650AEY-1 LINER-LTM4650AEY-1 Datasheet
1Mb / 12P
Dual 25A or Single 50A DC/DC 關Module Regulator
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
LTM4700 AD-LTM4700 Datasheet
3Mb / 126P
Dual 50A or Single 100A μModule Regulator with Digital Power System Management
LTM4652 AD-LTM4652 Datasheet
4Mb / 38P
Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
Rev. 0
logo
Monolithic Power System...
MPM3690-50A MPS-MPM3690-50A Datasheet
1Mb / 28P
16V, Dual 25A or Single 50A DC/DC Power Module
Rev. 1.0 5/24/2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com