Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC11244 Datasheet (PDF) - Texas Instruments

74AC11244 Datasheet PDF - Texas Instruments
Part # 74AC11244
Download  74AC11244 Download
File Size   412.15 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS

74AC11244 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AC11244 Datasheet PDF - Texas Instruments

Part # 74AC11244
Download  74AC11244 Click to download

File Size   412.15 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS

74AC11244 Datasheet (HTML) - Texas Instruments


74AC11244 Product details

EPICE (Enhanced-Performance Implanted
CMOS ) 1-mm Process
3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
Flow-Through Architecture Optimizes PCB
Layout
Center-Pin VCC and GND Pin
Configurations Minimize High-Speed
Switching Noise
500-mA Typical Latch-Up Immunity at
125°C
Package Options Include Plastic
Small-Outline (DW), Shrink Small-Outline
(DB), and Thin Shrink Small-Outline (PW)
Packages, and Standard Plastic DIPs (NT)

description
The 74AC11244 is an octal buffer or line driver designed specifically to improve both the performance and
density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters. The
device can be used as two 4-bit buffers or one 8-bit buffer, with active-low output-enable (OE) inputs.
When OE is low, the device passes noninverted data from the A inputs to the Y outputs. When OE is high, the
outputs are in the high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
The 74AC11244 is characterized for operation from –40°C to 85°C.




Similar Part No. - 74AC11244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
74AC11244 TI1-74AC11244 Datasheet
796Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244DB TI-74AC11244DB Datasheet
91Kb / 6P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
74AC11244DB TI1-74AC11244DB Datasheet
796Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244DBLE TI-74AC11244DBLE Datasheet
91Kb / 6P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
More results


Similar Description - 74AC11244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-EP TI1-SN74LVC540A-EP Datasheet
409Kb / 9P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com