Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74SSTUB32868 Datasheet (PDF) - Texas Instruments

74SSTUB32868 Datasheet PDF - Texas Instruments
Part # 74SSTUB32868
Download  74SSTUB32868 Download
File Size   533.08 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST

74SSTUB32868 Datasheet (PDF)

Go To PDF Page Download Datasheet
74SSTUB32868 Datasheet PDF - Texas Instruments

Part # 74SSTUB32868
Download  74SSTUB32868 Click to download

File Size   533.08 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST

74SSTUB32868 Datasheet (HTML) - Texas Instruments


74SSTUB32868 Product details

1FEATURES
2· Member of the Texas Instruments
Widebus+ ™Family
· Pinout Optimizes DDR2 DIMM PCB Layout
· 1-to-2 Outputs Supports Stacked DDR2 DIMMs
· One Device Per DIMM Required
· Chip-Select Inputs Gate the Data Outputs from Changing State and Minimizes System Power
Consumption
· Output Edge-Control Circuitry Minimizes
Switching Noise in an Unterminated Line
· Supports SSTL_18 Data Inputs
· Differential Clock (CLK and CLK) Inputs
· Supports LVCMOS Switching Levels on the
Chip-Select Gate-Enable, Control, and RESET
Inputs
· Checks Parity on DIMM-Independent Data
Inputs
· Supports Industrial Temperature Range
(-40°C to 85°C)
· RESET Input Disables Differential Input
Receivers, Resets All Registers, and Forces
All Outputs Low, Except QERR

APPLICATIONS
· DDR2 registered DIMM

DESCRIPTION
This 28-bit 1:2 configurable registered buffer is designed for 1.7-V to 1.9-V VCC operation. One device per DIMM
is required to drive up to 18 SDRAM loads or two devices per DIMM are required to drive up to 36 SDRAM
loads.
All inputs are SSTL_18, except the chip-select gate-enable (CSGEN), control (C), and reset (RESET) inputs,
which are LVCMOS. All outputs are edge-controlled circuits optimized for unterminated DIMM loads, and meet
SSTL_18 specifications, except the open-drain error (QERR) output.
The 74SSTUB32868 operates from a differential clock (CLK and CLK). Data are registered at the crossing of
CLK going high and CLK going low.
The 74SSTUB32868 accepts a parity bit from the memory controller on the parity bit (PAR_IN) input, compares it
with the data received on the DIMM-independent D-inputs (D1−D5, D7, D9−D12, D17−D28 when C = 0; or
D1−D12, D17−D20, D22, D24−D28 when C = 1) and indicates whether a parity error has occurred on the
open-drain QERR pin (active low). The convention is even parity, i.e., valid parity is defined as an even number
of ones across the DIMM-independent data inputs combined with the parity input bit. To calculate parity, all
DIMM-independent D-inputs must be tied to a known logic state.
The 74SSTUB32868 includes a parity checking function. Parity, which arrives one cycle after the data input to
which it applies, is checked on the PAR_IN input of the device. Two clock cycles after the data are registered,
the corresponding QERR signal is generated.




Similar Part No. - 74SSTUB32868

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74SSTUB32868 TI1-74SSTUB32868 Datasheet
434Kb / 23P
28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868 TI1-74SSTUB32868 Datasheet
981Kb / 26P
28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868A TI1-74SSTUB32868A Datasheet
770Kb / 25P
28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868A TI1-74SSTUB32868A Datasheet
768Kb / 26P
28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868A TI2-74SSTUB32868A Datasheet
534Kb / 25P
28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
REVISED MARCH 2009
More results


Similar Description - 74SSTUB32868

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTUB32866 TI-SN74SSTUB32866 Datasheet
1Mb / 33P
25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTU32866 TI-SN74SSTU32866 Datasheet
714Kb / 37P
25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32865 TI1-74SSTUB32865 Datasheet
772Kb / 21P
28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32865A TI1-74SSTUB32865A Datasheet
773Kb / 21P
28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868 TI1-74SSTUB32868 Datasheet
434Kb / 23P
28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868A TI1-74SSTUB32868A Datasheet
770Kb / 25P
28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTU32866A TI1-SN74SSTU32866A Datasheet
654Kb / 35P
25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32865AZJBR TI-74SSTUB32865AZJBR Datasheet
728Kb / 21P
28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868 TI1-74SSTUB32868_15 Datasheet
981Kb / 26P
28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868A TI1-74SSTUB32868A_14 Datasheet
768Kb / 26P
28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com