Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1130 Datasheet (PDF) - Texas Instruments

ADS1130 Datasheet PDF - Texas Instruments
Part # ADS1130
Download  ADS1130 Download
File Size   439.85 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-Bit Analog-to-Digital Converter For Bridge Sensors

ADS1130 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1130 Datasheet PDF - Texas Instruments

Part # ADS1130
Download  ADS1130 Click to download

File Size   439.85 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-Bit Analog-to-Digital Converter For Bridge Sensors

ADS1130 Datasheet (HTML) - Texas Instruments


ADS1130 Product details

1FEATURES
2• 18-Bit Noise-Free Resolution
• Complete Front-End for Bridge Sensor
• Onboard Gain of 64
• Onboard Oscillator
• Selectable 10SPS or 80SPS Data Rates
• Simultaneous 50Hz and 60Hz Rejection at
10SPS
• External Voltage Reference up to 5V for
Ratiometric Measurements
• Simple, Pin-Driven Control
• Two-Wire Serial Digital Interface
• Tiny TSSOP-16 Package
• Supply Range: 2.7V to 5.3V

APPLICATIONS
• Weigh Scales
• Strain Gauges

DESCRIPTION
The ADS1130 is a precision, 18-bit analog-to-digital
converter (ADC). With an onboard low-noise gain
amplifier, onboard oscillator, and precision 18-bit
delta-sigma ADC, the ADS1130 provides a complete
front-end solution for bridge sensor applications
including weigh scales and strain gauges.
The low-noise amplifier has a gain of 64, supporting a
full-scale differential input of ±39mV. The delta-sigma
ADC has 18-bit effective resolution and is comprised
of a third-order modulator and fourth-order digital
filter. Two data rates are supported: 10SPS (with both
50Hz and 60Hz rejection) and 80SPS. The ADS1130
can be put into a low-power standby mode or shut off
completely in power-down mode.
All of the features of the ADS1130 are controlled by
dedicated pins; there are no digital registers to
program. Data are output over an easily-isolated
serial interface that connects directly to the MSP430
and other microcontrollers.
The ADS1130 is available in a TSSOP-16 package
and is specified for operation from –40°C to +85°C.




Similar Part No. - ADS1130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
820Kb / 17P
18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1130IPW TI1-ADS1130IPW Datasheet
820Kb / 17P
18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1130IPW TI1-ADS1130IPW Datasheet
780Kb / 16P
18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1130IPWR TI1-ADS1130IPWR Datasheet
820Kb / 17P
18-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Similar Description - ADS1130

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1131 TI-ADS1131 Datasheet
624Kb / 20P
18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
20-Bit Analog-to-Digital Converter For Bridge Sensors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com