Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1231 Datasheet (PDF) - Texas Instruments

ADS1231 Datasheet PDF - Texas Instruments
Part # ADS1231
Download  ADS1231 Download
File Size   442.88 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit Analog-to-Digital Converter for Bridge Sensors

ADS1231 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1231 Datasheet PDF - Texas Instruments

Part # ADS1231
Download  ADS1231 Click to download

File Size   442.88 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit Analog-to-Digital Converter for Bridge Sensors

ADS1231 Datasheet (HTML) - Texas Instruments


ADS1231 Product details

1FEATURES
2• Complete Front-End for Bridge Sensors
• Internal Amplifier, Gain of 128
• Internal Oscillator
• Low-Side Power Switch for Bridge Sensor
• Low Noise: 35nVrms
• Selectable Data Rates: 10SPS or 80SPS
• Simultaneous 50Hz and 60Hz Rejection at
10SPS
• Input EMI Filter
• External Voltage Reference up to 5V for
Ratiometric Measurements
• Simple, Pin-Driven Control
• Two-Wire Serial Digital Interface
• Supply Range: 3V to 5.3V
• Package: SOIC-16
• Temperature Range: –40°C to +85°C

APPLICATIONS
• Weigh Scales
• Strain Gauges
• Load Cells
• Industrial Process Control

DESCRIPTION
The ADS1231 is a precision, 24-bit analog-to-digital
converter (ADC). With an onboard low-noise amplifier, onboard oscillator, precision third-order 24-
bit delta-sigma (ΔΣ) modulator, and bridge power
switch, the ADS1231 provides a complete front-end
solution for bridge sensor applications including weigh scales, strain gauges, and load cells.
The low-noise amplifier has a gain of 128, supporting a full-scale differential input of ±19.5mV. The ΔΣ ADC
has 24-bit resolution and is comprised of a third-order
modulator and fourth-order digital filter. Two data
rates are supported: 10SPS (with both 50Hz and
60Hz rejection) and 80SPS. The ADS1231 can be put in a low-power standby mode or shut off
completely in power-down mode.
The ADS1231 is controlled by dedicated pins; there
are no digital registers to program. Data are output
over an easily-isolated serial interface that connects
directly to the MSP430 and other microcontrollers.
The ADS1231 is available in an SO-16 package and
is specified from –40°C to +85°C.




Similar Part No. - ADS1231

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1231 TI1-ADS1231 Datasheet
466Kb / 23P
24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1231 TI2-ADS1231 Datasheet
446Kb / 24P
24-Bit Analog-to-Digital Converter for Bridge Sensors
REVISED OCTOBER 2013
ADS1231ID TI1-ADS1231ID Datasheet
478Kb / 22P
24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1231ID TI1-ADS1231ID Datasheet
623Kb / 31P
ADS1131REF and ADS1231REF
More results


Similar Description - ADS1231

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1230 TI1-ADS1230_07 Datasheet
588Kb / 29P
20-Bit Analog-to-Digital Converter For Bridge Sensors
JULY2007
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
24-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
20-Bit Analog-to-Digital Converter For Bridge Sensors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com