Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5411 Datasheet (PDF) - Texas Instruments

ADS5411 Datasheet PDF - Texas Instruments
Part # ADS5411
Download  ADS5411 Download
File Size   465.2 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 11 Bit, 105 MSPS Analog-to-Digital Converter

ADS5411 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS5411 Datasheet PDF - Texas Instruments

Part # ADS5411
Download  ADS5411 Click to download

File Size   465.2 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 11 Bit, 105 MSPS Analog-to-Digital Converter

ADS5411 Datasheet (HTML) - Texas Instruments


ADS5411 Product details

FEATURES
11 Bit Resolution
105 MSPS Maximum Sample Rate
SNR = 66.4 dBc at 105 MSPS and 50 MHz IF
SFDR = 90 dBc at 105 MSPS and 50 MHz IF
SNR = 65.7 dBc at 105 MSPS and 170 MHz IF
SFDR = 81 dBc at 105 MSPS and 170 MHz IF
2.2 Vpp Differential Input Range
5 V Supply Operation
3.3 V CMOS Compatible Outputs
1.9 W Total Power Dissipation
2s Complement Output Format
On-Chip Input Analog Buffer, Track and Hold,
and Reference Circuit
52 Pin HTQFP Package With Exposed
Heatsink
Industrial Temperature Range = −40C to 85C
Pin Compatible With ADS5423, ADS5424, and
AD6645

APPLICATIONS
Single and Multichannel Digital Receivers
Base Station Infrastructure
Instrumentation
Video and Imaging

RELATED DEVICES
Clocking: CDC7005
Amplifiers: OPA695, THS4509

DESCRIPTION
The ADS5411 is an 11 bit, 105 MSPS analog-to-digital converter (ADC) that operates from a 5 V supply, while providing
3.3 V CMOS compatible digital outputs. The ADS5411 input buffer isolates the internal switching of the on-chip Track and
Hold (T&H) from disturbing the signal source. An internal reference generator is also provided to further simplify the system
design. The ADS5411 has outstanding low noise and linearity, over input frequency. With only a 2.2 VPP input range,
simplifies the design of multicarrier applications, where the carriers are selected on the digital domain.
The ADS5411 is available in a 52 pin HTQFP with heatsink package. The ADS5411 is built on state of the art Texas
Instruments complementary bipolar process (BiCom3) and is specified over full industrial temperature range (−40°C to
85°C).




Similar Part No. - ADS5411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5411 TI-ADS5411 Datasheet
504Kb / 22P
11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPGP TI1-ADS5411IPGP Datasheet
981Kb / 25P
11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPGPR TI1-ADS5411IPGPR Datasheet
981Kb / 25P
11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPJY TI-ADS5411IPJY Datasheet
504Kb / 22P
11 Bit, 105 MSPS Analog-to-Digital Converter
More results


Similar Description - ADS5411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510 Datasheet
861Kb / 29P
11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5510 BURR-BROWN-ADS5510_07 Datasheet
995Kb / 30P
11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5411 TI-ADS5411 Datasheet
504Kb / 22P
11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5424-SP TI1-ADS5424-SP Datasheet
400Kb / 22P
CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9627-11 AD-AD9627-11_15 Datasheet
4Mb / 72P
11-Bit, 105 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
logo
Texas Instruments
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5424 TI1-ADS5424_14 Datasheet
1Mb / 29P
14 Bit, 105 MSPS Analog-to-Digital Converter
ADS5424-SP TI1-ADS5424-SP_15 Datasheet
445Kb / 24P
CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com