Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP55NF06 Datasheet (PDF) - Inchange Semiconductor Company Limited

STP55NF06 Datasheet PDF - Inchange Semiconductor Company Limited
Part # STP55NF06
Download  STP55NF06 Download
File Size   371.9 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

STP55NF06 Datasheet (PDF)

Go To PDF Page Download Datasheet
STP55NF06 Datasheet PDF - Inchange Semiconductor Company Limited

Part # STP55NF06
Download  STP55NF06 Click to download

File Size   371.9 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

STP55NF06 Datasheet (HTML) - Inchange Semiconductor Company Limited


STP55NF06 Product details

FEATURES
·Drain Current -ID= 50A@ TC=25℃
·Drain Source Voltage -VDSS=60V(Min)
·Static Drain-Source On-Resistance;
-RDS(on) = 18mΩ(Max)@VGS= 10V
DESCRIPTION
·Motor drive, DC-DC converter, power switch
and solenoid drive.




Similar Part No. - STP55NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP55NF06 STMICROELECTRONICS-STP55NF06 Datasheet
485Kb / 12P
N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/D²PAK STripFET™ II POWER MOSFET
Mar-2003
STP55NF06 STMICROELECTRONICS-STP55NF06 Datasheet
543Kb / 18P
N-channel 60V - 0.015Ω - 50A - D2PAK/I2PAK/TO-220/TO-220FP STripFET??II Power MOSFET
26-Jun-2006
logo
VBsemi Electronics Co.,...
STP55NF06 VBSEMI-STP55NF06 Datasheet
981Kb / 7P
N-Channel 60-V (D-S) MOSFET
logo
STMicroelectronics
STP55NF06 STMICROELECTRONICS-STP55NF06 Datasheet
797Kb / 19P
N-channel 60 V, 0.015 Ω, 50 A STripFET™ II Power MOSFET in D²PAK, TO-220 and TO-220FP packages
25-May-2012
STP55NF06FP STMICROELECTRONICS-STP55NF06FP Datasheet
485Kb / 12P
N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/D²PAK STripFET™ II POWER MOSFET
Mar-2003
More results


Similar Description - STP55NF06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com