Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7805 Datasheet (PDF) - Texas Instruments

ADS7805 Datasheet PDF - Texas Instruments
Part # ADS7805
Download  ADS7805 Download
File Size   514.77 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, 10μs Sampling, CMOS ANALOG-to-DIGITAL CONVERTER

ADS7805 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7805 Datasheet PDF - Texas Instruments

Part # ADS7805
Download  ADS7805 Click to download

File Size   514.77 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, 10μs Sampling, CMOS ANALOG-to-DIGITAL CONVERTER

ADS7805 Datasheet (HTML) - Texas Instruments


ADS7805 Product details

FEATURES
100kHz min SAMPLING RATE
STANDARD ±10V INPUT RANGE
86dB min SINAD WITH 20kHz INPUT
±3.0 LSB max INL
DNL: 16 Bits No Missing Codes
SINGLE +5V SUPPLY OPERATION
PIN-COMPATIBLE WITH 12-BIT ADS7804
USES INTERNAL OR EXTERNAL
REFERENCE
FULL PARALLEL DATA OUTPUT
100mW max POWER DISSIPATION
0.3" DIP-28 AND SO-28

DESCRIPTION
The ADS7805 is a complete 16-bit sampling, Analog-to-
Digital (A/D) converter using state-of-the-art CMOS structures.
It contains a complete 16-bit, capacitor-based, Successive
Approximation Register (SAR) A/D converter with
Sample-and-Hold (S/H), reference, clock, interface for microprocessor
use, and 3-state output drivers.
The ADS7805 is specified at a 100kHz sampling rate and
ensured over the full temperature range. Laser-trimmed
scaling resistors provide an industry-standard ±10V input
range while the innovative design allows operation from a
single +5V supply, with power dissipation under 100mW.
The ADS7805 is available in a 0.3" DIP-28 and an SO-28
package. Both are fully specified for operation over the
industrial –25°C to +85°C range; however, they will function
over the –40°C to +85C temperature range.




Similar Part No. - ADS7805

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7805P BURR-BROWN-ADS7805P Datasheet
135Kb / 12P
16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805PB BURR-BROWN-ADS7805PB Datasheet
135Kb / 12P
16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805U BURR-BROWN-ADS7805U Datasheet
135Kb / 12P
16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Similar Description - ADS7805

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807 BURR-BROWN-ADS7807_06 Datasheet
526Kb / 24P
Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_08 Datasheet
672Kb / 25P
Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS7811 TI1-ADS7811_15 Datasheet
303Kb / 15P
16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com