Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7804P Datasheet (PDF) - Texas Instruments

ADS7804P Datasheet PDF - Texas Instruments
Part # ADS7804P
Download  ADS7804P Download
File Size   504.52 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit 10μs Sampling CMOS ANALOG-to-DIGITAL CONVERTER

ADS7804P Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7804P Datasheet PDF - Texas Instruments

Part # ADS7804P
Download  ADS7804P Click to download

File Size   504.52 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit 10μs Sampling CMOS ANALOG-to-DIGITAL CONVERTER

ADS7804P Datasheet (HTML) - Texas Instruments


ADS7804P Product details

FEATURES
100kHz min SAMPLING RATE
STANDARD ±10V INPUT RANGE
72dB min SINAD WITH 45kHz INPUT
±0.45 LSB max INL
DNL: 12 Bits “No Missing Codes”
SINGLE +5V SUPPLY OPERATION
PIN-COMPATIBLE WITH 16-BIT ADS7805
USES INTERNAL OR EXTERNAL
REFERENCE
COMPLETE WITH S/H, REF, CLOCK, ETC.
FULL PARALLEL DATA OUTPUT
100mW max POWER DISSIPATION
28-PIN 0.3" PLASTIC DIP AND SO PACKAGES

DESCRIPTION
The ADS7804 is a complete 12-bit sampling analog-to-digital
(A/D) converter using state-of-the-art CMOS structures. It
contains a complete 12-bit, capacitor-based, SAR A/D converter
with S/H, reference, clock, interface for microprocessor
use, and three-state output drivers.
The ADS7804 is specified at a 100kHz sampling rate, and
guaranteed over the full temperature range. Laser-trimmed
scaling resistors provide an industrystandard
±10V input range, while the innovative design
allows operation from a single +5V supply, with power
dissipation under 100mW.
The 28-pin ADS7804 is available in plastic 0.3" DIP and SO
packages, both fully specified for operation over the industrial
–40°C to +85°C range.




Similar Part No. - ADS7804P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7804P BURR-BROWN-ADS7804P Datasheet
182Kb / 10P
12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7804PB BURR-BROWN-ADS7804PB Datasheet
182Kb / 10P
12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Similar Description - ADS7804P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7831 BURR-BROWN-ADS7831 Datasheet
313Kb / 10P
12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808_07 Datasheet
329Kb / 13P
12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com